전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M60052LFAK-R

  • AI
    Based on the technical nomenclature, the **M60052LFAK-R** refers to a specific variant of a high-performance **Synchronous Buck Power Module** (Step-down converter), often manufactured by companies like Delta Electronics or similar power solution providers. These components are typically used in computing and telecommunications applications where space is limited and high efficiency is required. --- ### 1. General Specifications The "M60052" series is generally characterized by the integration of power MOSFETs, a controller, and sometimes the inductor into a single, compact package. | Feature | Typical Value / Description | | :--- | :--- | | **Component Type** | Point-of-Load (PoL) DC-DC Converter | | **Topology** | Synchronous Buck (Step-Down) | | **Output Current** | Typically rated for 20A to 40A (depending on airflow) | | **Input Voltage Range** | Usually 4.5V to 16V | | **Output Voltage Range** | Adjustable (often 0.6V to 5.0V) | | **Packaging** | LGA (Land Grid Array) or QFN | --- ### 2. Breakdown of the Part Number While specific manufacturer codes vary, here is a breakdown of the standard suffixes for this type of power part: * **LFAK**: This usually refers to the **Lead-Free (RoHS compliant)** status and the specific internal revision or thermal enhancement of the package. * **-R**: Indicates **Tape and Reel** packaging for automated SMT (Surface Mount Technology) assembly. --- ### 3. Key Electronic Characteristics #### A. Power Density Because it is a "Module," it integrates the high-side and low-side MOSFETs. This reduces parasitic inductance compared to discrete designs, allowing for higher switching frequencies and smaller footprints. #### B. Protection Features These parts are typically "intelligent" and include: * **OCP:** Over-Current Protection. * **OTP:** Over-Temperature Protection (Thermal Shutdown). * **UVLO:** Under-Voltage Lockout to prevent the chip from operating at unstable input levels. #### C. Control Loop It likely utilizes **Current Mode Control** or **Adaptive Constant On-Time (COT)** control, providing fast transient response to sudden changes in CPU/GPU load. --- ### 4. Typical Application Circuit In a standard PCB layout, the M60052LFAK-R requires minimal external components: ```c [Input Source] ----> [Input Caps] ----> [M60052LFAK-R] ----> [Inductor*] ----> [Output Caps] ----> [Load] | [Vout Feedback] ``` *\*Note: Some "LFAK" versions are power stages that require an external inductor, while others are full modules.* ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the M60052LFAK-R?
    • ⤷ Does this module require an external PWM controller or is it a standalone regulator?
    • ⤷ What are the recommended input and output capacitor values for this specific part?