전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M692SDM-R01

  • AI
    The **M692SDM-R01** is a specialized high-density memory module, typically utilized in enterprise servers, high-end workstations, or specific industrial computing environments. Based on standard hardware nomenclature for this series, it is a **DDR4 SDRAM Registered DIMM (RDIMM)**. --- ### 1. Key Technical Specifications The following table outlines the primary electronic and performance characteristics of the module: | Component / Feature | Specification | | :--- | :--- | | **Memory Type** | DDR4 SDRAM | | **Form Factor** | 288-pin RDIMM (Registered DIMM) | | **Speed** | 2666 MT/s (PC4-21333) or 2400 MT/s (Varies by sub-revision) | | **Capacity** | Typically 8GB or 16GB | | **Voltage** | 1.2V (Standard DDR4 Low Voltage) | | **Error Correction** | ECC (Error Correction Code) | | **Rank Organization** | Single Rank (1Rx8) or Dual Rank (2Rx8) | --- ### 2. Core Electronic Components The PCB (Printed Circuit Board) of the M692SDM-R01 consists of several critical electronic parts: #### A. DRAM Integrated Circuits (ICs) These are the black chips soldered onto the board. They are the primary storage units. * **Technology:** Uses CMOS technology to provide high data density and low power consumption. * **Refresh Rate:** Typically supports a 7.8µs refresh interval at standard temperatures. #### B. Registering Clock Driver (RCD) Unlike standard desktop RAM (UDIMM), this module features an **RCD chip**. * **Function:** It acts as a buffer between the memory controller and the DRAM chips. * **Benefit:** It reduces the electrical load on the memory controller, allowing for more stable operation when multiple modules are installed in a single server. #### C. Serial Presence Detect (SPD) EEPROM A small 8-pin chip located on the module. * **Role:** It stores the module's configuration data (timing, speed, voltage). * **Communication:** The system BIOS/UEFI reads this via the I2C/SMBus protocol during the boot process to automatically configure the memory settings. #### D. Passive Components * **Decoupling Capacitors:** Small SMD (Surface Mount Device) capacitors located near each DRAM chip to filter electrical noise and stabilize the 1.2V power supply. * **Terminating Resistors:** Used to maintain signal integrity by preventing signal reflections on the high-speed data lines. --- ### 3. Functional Advantages 1. **ECC Support:** The module includes extra data bits that allow the electronic circuitry to detect and correct single-bit memory errors, preventing system crashes. 2. **Thermal Sensors:** Most R01 revisions include an integrated thermal sensor within the SPD chip to monitor the temperature of the module in real-time. 3. **Gold-Plated Contacts:** The 288 pins are gold-plated to ensure high conductivity and resistance to oxidation over long-term use.
    ✨ Follow-up Questions
    • ⤷ What is the difference between this RDIMM and a standard UDIMM?
    • ⤷ Can this module be used in a standard consumer motherboard?
    • ⤷ What are the specific timing values (CL) for the M692SDM-R01?