전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M6DPA-C4-R

  • AI
    The **M6DPA-C4-R** is a high-performance, industrial-grade micro-stepping motor driver. It is designed for precision motion control, typically used in CNC machinery, automated production lines, and robotics. Below is a detailed breakdown of its electronic components and specifications. --- ### 1. Technical Specifications The core electronic performance of the M6DPA-C4-R is defined by its power handling and signal processing capabilities. | Feature | Specification | | :--- | :--- | | **Input Voltage** | 24 - 80V DC | | **Output Current** | 1.4A - 6.0A (Peak) | | **Control Signal** | 5V - 24V (Logic level compatible) | | **Microstep Resolution** | 400 - 25,600 steps/rev | | **Pulse Frequency** | Up to 200 kHz | | **Cooling** | Passive Heat Sink (Aluminum) | --- ### 2. Key Electronic Parts & Functionality The internal architecture of this driver consists of several critical stages: #### A. Power Stage (H-Bridge) The output stage uses high-efficiency **MOSFETs** or **IGBTs** arranged in an H-bridge configuration. This allows the driver to reverse the polarity of the current flowing through the motor coils rapidly, which is essential for bipolar stepper motor operation. #### B. Digital Signal Processor (DSP) Unlike older analog drivers, the "M6" series typically utilizes a **32-bit DSP**. This chip handles: * **Anti-Resonance:** Calculating motor vibrations to smooth out movement at mid-range speeds. * **Auto-configuration:** Detecting motor parameters on startup to optimize current loops. #### C. Opto-Isolators To protect the sensitive control electronics (like a PLC or Arduino) from the high-voltage motor power, the input terminals (Pulse, Direction, Enable) are equipped with **Optical Isolators**. These components convert electrical signals into light and back to electricity, ensuring no direct electrical connection exists between the controller and the driver. #### D. Protection Circuitry The driver includes integrated sensors and logic to prevent hardware failure: * **Over-Voltage Protection:** Shuts down if the power supply spikes. * **Over-Current Protection:** Prevents the MOSFETs from burning out during a short circuit. * **Thermal Protection:** Monitors the internal temperature of the power stage. --- ### 3. Connection Interface The unit features two main terminal blocks for electronic interfacing: 1. **Power & Motor (High Current):** * `VCC / GND`: DC Power input. * `A+ / A- / B+ / B-`: Connections for the 2-phase stepper motor. 2. **Logic Signals (Low Current):** * `PUL+ / PUL-`: Pulse signal (determines speed/distance). * `DIR+ / DIR-`: Direction signal (determines clockwise/counter-clockwise). * `ENA+ / ENA-`: Enable signal (engages/disengages motor holding torque). --- ### 4. Configuration Switches (DIP Switches) The "C4" variant uses a bank of 8 DIP switches on the side to manually set the electronic parameters without needing software: * **SW1 - SW3:** Current settings (Amps). * **SW4:** Idle current reduction (half-current mode to reduce heat). * **SW5 - SW8:** Microstep resolution settings.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the M6DPA-C4-R and standard NEMA 23 drivers?
    • ⤷ Can this driver be used with a 48V power supply safely?
    • ⤷ How do I calculate the microstep setting for a 1.8-degree motor?