전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M6DPP-A1PR-R/Q

  • AI
    The **M6DPP-A1PR-R/Q** refers to a high-performance **Micro-Display Controller** or specialized interface bridge often utilized in high-resolution display systems, virtual reality (VR), or augmented reality (AR) hardware. These components are designed to drive micro-OLED or micro-LCD panels. --- ### 1. Key Technical Specifications Based on the architecture of this series (often associated with manufacturers like MegaChip or specialized silicon vendors), here are the core electronic characteristics: | Feature | Description | | :--- | :--- | | **Interface Input** | DisplayPort (DP) 1.2 or 1.4 / eDP | | **Output Type** | MIPI DSI (Display Serial Interface) or LVDS | | **Max Resolution** | Supports up to 4K / UHD @ 60Hz - 90Hz | | **Power Consumption** | Ultra-low power design for mobile/wearable integration | | **Packaging** | Fine-pitch BGA (Ball Grid Array) | --- ### 2. Core Functional Blocks The internal electronic layout of the M6DPP series typically consists of the following modules: * **High-Speed Receiver (RX):** Handles the incoming DisplayPort differential signals, performing clock recovery and deskewing. * **Protocol Converter:** Translates the DisplayPort packets into the raw timing signals required by the display panel (MIPI/LVDS). * **Color Management Unit:** Includes hardware-level gamma correction, color space conversion (e.g., YCbCr to RGB), and dithering. * **Frame Buffer/FIFO:** Small internal memory to synchronize timing between the high-speed input and the panel's refresh rate. --- ### 3. Application Examples The "A1PR" variant is specifically tuned for precision timing, often found in: 1. **HMDs (Head-Mounted Displays):** Used in VR headsets to minimize latency between the GPU and the eyes. 2. **Medical Imaging:** High-resolution portable diagnostic screens. 3. **Industrial Viewfinders:** High-density electronic viewfinders for professional cinema cameras. --- ### 4. Comparison of Suffixes In electronic components, suffixes denote specific variations: | Suffix | Meaning | | :--- | :--- | | **-R** | Tape and Reel (Packaging for automated SMT assembly) | | **-Q** | Qualified (Often indicates Automotive or Industrial grade reliability) | ---
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout requirements for the MIPI output?
    • ⤷ Does this controller support High Dynamic Range (HDR) metadata pass-through?
    • ⤷ What is the typical operating temperature range for the -Q variant?