전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M6DPP-A2NN-R

  • AI
    The **M6DPP-A2NN-R** is a specific part number belonging to the **Honeywell M6 Series** of high-precision industrial pressure transducers. These devices are designed to convert physical pressure into an electrical signal for monitoring and control systems. --- ### 1. Key Technical Specifications Based on the standard Honeywell nomenclature for the M6 series, here are the electronic and mechanical characteristics: | Feature | Specification Details | | :--- | :--- | | **Output Signal** | Typically 0-5 VDC or 0-10 VDC (High-level analog) | | **Pressure Range** | Varies by sub-model (Commonly 100 to 5,000 psi) | | **Accuracy** | ±0.25% to ±0.5% Full Scale (Standard) | | **Supply Voltage** | 9V to 28V DC (Typical range) | | **Connection Type** | "P" designator often refers to a specific threaded port (e.g., 1/4-18 NPT) | | **Electrical Interface** | Circular connector or integral cable (Model dependent) | --- ### 2. Electronic Component Breakdown The internal architecture of the M6DPP-A2NN-R consists of several critical electronic stages: #### A. Sensing Element (Wheatstone Bridge) At the core is a **piezoresistive silicon** or **foil strain gauge** mounted on a diaphragm. As pressure deforms the diaphragm, the resistance of the bridge changes proportionally. #### B. Signal Conditioning Circuitry Because the raw signal from the bridge is in millivolts (mV) and sensitive to noise, the internal electronics include: * **Instrumentation Amplifier:** Boosts the low-level signal to a robust voltage range (0-5V). * **Temperature Compensation:** Internal thermistors or compensation resistors ensure the output remains stable despite environmental temperature fluctuations. #### C. Protection Electronics To survive industrial environments, the circuitry includes: * **Reverse Polarity Protection:** Prevents damage if the power supply leads are swapped. * **EMI/RFI Filtering:** Reduces interference from nearby motors or radio equipment. --- ### 3. Application Use Cases The "M6" series is generally found in high-reliability sectors: 1. **Hydraulic Systems:** Monitoring fluid pressure in heavy machinery. 2. **Test Stands:** Used in laboratory environments for precise data logging. 3. **Process Control:** Integration with PLCs (Programmable Logic Controllers) via the analog voltage input. --- ### 4. Part Number Breakdown (Generalized) While Honeywell codes are specific, the string `M6DPP-A2NN-R` generally breaks down as: * **M6:** Model Series (Precision Transducer). * **DPP:** Port/Diaphragm configuration. * **A2:** Output type (Analog Voltage). * **NN:** No specific options/Standard build. * **R:** RoHS Compliant.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the M6DPP electrical connector?
    • ⤷ How does temperature fluctuation affect the accuracy of this transducer?
    • ⤷ What is the recommended calibration interval for the Honeywell M6 series?