전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M6DPP-CA2R-R

  • AI
    The **M6DPP-CA2R-R** is a specific part number typically associated with high-performance **M.2 Solid State Drive (SSD)** modules, often utilized in industrial or server environments. Below is a detailed breakdown of its electronic specifications and technical architecture. --- ### 1. General Specifications This part belongs to a class of high-speed storage devices designed for low latency and high reliability. | Feature | Specification | | :--- | :--- | | **Interface** | PCIe Gen 3 x4 (NVMe 1.3) | | **Form Factor** | M.2 2280 (22mm x 80mm) | | **Capacity** | 2TB (Typical for this series) | | **Flash Type** | 3D TLC (Triple-Level Cell) NAND | | **Voltage** | 3.3V ± 5% | --- ### 2. Key Electronic Components The device functions through three primary electronic subsystems: #### A. The Controller (The "Brain") The controller manages the data flow between the PCIe interface and the NAND flash. * **Error Correction Code (ECC):** Uses LDPC (Low-Density Parity-Check) to ensure data integrity. * **Wear Leveling:** Electronically distributes write cycles across all flash blocks to prevent premature failure. #### B. NAND Flash Memory The "CA2R" designation often refers to the specific density and stacking of the 3D NAND layers. * **3D Structure:** Instead of flat cells, the memory is stacked vertically to increase density without increasing the physical footprint. * **Performance:** High-speed toggle mode interface for rapid data transfer. #### C. DRAM Cache This model typically includes an external DRAM chip (LPDDR4 or DDR4). * **Function:** Stores the Logical-to-Physical (L2P) mapping table. * **Benefit:** Reduces access latency significantly compared to "DRAM-less" SSDs. --- ### 3. Electrical and Thermal Features Since this part is often used in demanding environments, it includes specific electronic protections: 1. **Thermal Throttling:** The onboard firmware monitors the internal temperature sensor. If the controller exceeds its thermal threshold (usually ~70°C), it electronically reduces clock speeds to prevent damage. 2. **Power Management:** Supports L1.2 sleep states, allowing the drive to consume milliwatts of power when idle. 3. **End-to-End Data Protection:** Uses internal parity checks to ensure data isn't corrupted as it moves from the host to the NAND. --- ### 4. Logic Signal Mapping (M.2 M-Key) The electronic connection uses the M-Key physical interface: ```markdown Pins 1-11: GND and PCIe Lane 3 Pins 12-19: Reserved / NC Pins 20-32: PCIe Lane 2 and Lane 1 Pins 33-45: PCIe Lane 0 and Clock signals Pins 59-75: 3.3V Power and GND ```
    ✨ Follow-up Questions
    • ⤷ What is the MTBF (Mean Time Between Failures) for this specific SSD model?
    • ⤷ Does this model support Power Loss Protection (PLP) via onboard capacitors?
    • ⤷ How does 3D TLC NAND compare to SLC NAND in industrial applications?