전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M6DPP-HA1R-R

  • AI
    The **M6DPP-HA1R-R** is a specific part number belonging to the **M6 series** of industrial high-definition camera modules, typically utilized in vision systems, automation, and medical imaging. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications This module is designed for high-speed data transmission and high-resolution image capture. | Feature | Specification | | :--- | :--- | | **Sensor Type** | CMOS (Complementary Metal-Oxide-Semiconductor) | | **Resolution** | Full HD (Typically 1080p) | | **Interface** | MIPI CSI-2 / Parallel (Model dependent) | | **Output Format** | RAW / YUV / RGB | | **Power Supply** | 3.3V DC (Digital) / 1.8V (Core) | --- ### 2. Key Electronic Components The internal architecture of the M6DPP-HA1R-R consists of several critical layers: * **Image Sensor Array:** The primary component that converts light into electrical signals. It features high sensitivity and low noise performance. * **Analog-to-Digital Converter (ADC):** Integrated high-speed ADCs convert the analog voltage from the pixels into digital data (usually 10-bit or 12-bit). * **On-board ISP (Image Signal Processor):** Some versions include a basic ISP for auto-exposure (AE), auto-white balance (AWB), and lens shading correction. * **Crystal Oscillator:** Provides the master clock (MCLK) required for timing and synchronization of the data frames. --- ### 3. Pinout and Connectivity The "R" suffix often denotes a specific connector orientation or RoHS compliance. Common connections include: 1. **VCC / VDD:** Power rails for the sensor and logic. 2. **GND:** Common ground reference. 3. **I2C (SCL/SDA):** Control interface used by the host CPU to configure sensor registers (gain, shutter speed, etc.). 4. **Data Lanes:** High-speed differential pairs (for MIPI versions) or 8/10-bit parallel lines. 5. **Reset & Power Down:** Hard pins used to initialize or put the module into a low-power state. --- ### 4. Technical Use Cases The electronic design of this part makes it suitable for: * **Medical Endoscopy:** High-resolution capture in small form factors. * **Industrial Inspection:** Rapid frame rates for assembly line monitoring. * **Smart Security:** Low-light performance features. ---
    ✨ Follow-up Questions
    • ⤷What is the specific sensor model used in the M6DPP-HA1R-R?
    • ⤷ Is the M6DPP-HA1R-R compatible with Raspberry Pi or Arduino interfaces?
    • ⤷ What are the dimensions and mounting requirements for this camera module?