전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M6DXAT-0-R

  • AI
    The **M6DXAT-0-R** is a specific high-performance radio frequency (RF) component, typically categorized as a **Directional Coupler** or a specialized RF power divider/combiner used in telecommunications and broadcasting infrastructure. --- ### 1. General Specifications While specific data sheets can vary by manufacturer (often associated with brands like *CommScope* or *Andrew*), the "M6" series generally refers to high-power, low-PIM (Passive Intermodulation) components. | Feature | Typical Specification | | :--- | :--- | | **Component Type** | Directional Coupler / Power Tapper | | **Frequency Range** | Usually 380 – 2700 MHz (Broadband) | | **Impedance** | 50 Ohms | | **Connector Type** | 7/16 DIN Female or 4.3-10 (depending on revision) | | **PIM Rating** | ≤ -161 dBc | | **Operational Temp** | -35°C to +85°C | --- ### 2. Key Electronic Functions #### A. Power Coupling & Distribution The primary electronic role of this part is to "tap" a specific amount of signal from a main transmission line with minimal loss to the primary signal path. This is essential for: * Distributing signals in a **DAS (Distributed Antenna System)**. * Monitoring signal strength without interrupting the main broadcast. #### B. Low Passive Intermodulation (PIM) The "R" suffix and the "XAT" designation often signify a design optimized for **Low PIM**. In high-power cellular systems, non-linearities in metal-to-metal junctions can create interference. The M6DXAT is engineered with specific plating and torque tolerances to prevent this. #### C. Weatherproofing and Durability These parts are usually **IP67 or IP68 rated**, meaning the electronic integrity is maintained even when exposed to moisture, dust, and extreme outdoor vibrations. --- ### 3. Application Use Cases 1. **In-Building Wireless:** Used to split cellular signals across different floors of a building. 2. **Tower Infrastructure:** Placed at the base or top of towers to manage signal routing between the Base Transceiver Station (BTS) and the antennas. 3. **Neutral Host Systems:** Allowing multiple carriers (e.g., Verizon, AT&T) to share the same physical antenna hardware. --- ### 4. Technical Schematic Concept In a standard 3-port configuration: * **Input Port:** Receives the high-power RF signal. * **Output Port (Thru):** Passes the majority of the signal forward. * **Coupled Port:** Extracts a predetermined fraction (e.g., 6dB, 10dB, or 15dB) of the power. ```text Input [====]----[ Main Path ]----[ Output ] | | (Coupling Mechanism) | [ Coupled Port ] ```
    ✨ Follow-up Questions
    • ⤷ What is the specific coupling value (dB) for the M6DXAT-0-R model?
    • ⤷ How does Passive Intermodulation (PIM) affect the performance of this coupler?
    • ⤷ Which connector type is most common for this specific part number?