전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M6DXF1-Z1V2-R

  • AI
    The part number **M6DXF1-Z1V2-R** typically corresponds to a high-speed, high-density **SFP (Small Form-factor Pluggable) or Direct Attach Copper (DAC)** cable assembly or connector module used in networking hardware. These components are critical for data center infrastructure and high-speed telecommunications. --- ### 1. Technical Specifications Overview Based on standard industry nomenclature for this series, here is a breakdown of the electronic characteristics: | Feature | Specification Details | | :--- | :--- | | **Interface Type** | SFP+ / SFP28 (Depends on specific OEM configuration) | | **Data Rate** | Typically supports 10Gbps to 25Gbps per channel | | **Signal Type** | Differential Signaling (LVDS/CML) | | **Impedance** | 100 Ohms (Standard for high-speed differential pairs) | | **Housing Material** | Zinc Die-cast (for EMI shielding and grounding) | | **Contact Plating** | Gold over Nickel (to prevent oxidation and ensure conductivity) | --- ### 2. Component Breakdown The part is composed of several key sub-elements that define its electronic performance: #### A. Printed Circuit Board (PCB) Interface The internal "paddle card" handles the transition from the high-speed copper wires to the gold-finger contacts. This PCB is designed with: * **Low-loss Dielectrics:** To maintain signal integrity at frequencies above 10 GHz. * **Controlled Impedance Traces:** To minimize signal reflections (Return Loss). #### B. EEPROM / Identification Chip Most "V2" or "R" variants include a small integrated circuit (EEPROM). This chip stores: * Vendor ID and Serial Number. * Power requirements. * Supported protocols (Ethernet, Fibre Channel, etc.). * Checksums for hardware compatibility with switches (Cisco, Arista, Juniper). #### C. EMI Shielding (Mechanical-Electronic Hybrid) The metal casing acts as a Faraday cage. This is essential for: * **Reducing Crosstalk:** Preventing noise between adjacent ports. * **Electromagnetic Compatibility (EMC):** Ensuring the high-speed signals do not interfere with other electronic devices in the rack. --- ### 3. Typical Pinout Configuration High-speed modules like the M6DXF1 follow the SFF-8431 standard. Below is the simplified pin logic for the electrical interface: ```markdown 1. VeeT - Transmitter Ground 2. TX_Fault - Module Transmitter Fault 3. TX_Disable - Transmitter Disable 4. SDA - 2-wire Serial Interface Data Line 5. SCL - 2-wire Serial Interface Clock 6. Mod_ABS - Module Absent (Grounded in module) 7. RS0 - Rate Select 0 8. RX_LOS - Receiver Loss of Signal Indicator 9. RS1 - Rate Select 1 10. VeeR - Receiver Ground ``` --- ### 4. Applications * **Top-of-Rack (ToR) Switching:** Connecting servers to management switches. * **Storage Area Networks (SAN):** High-speed data transfer between controllers and disk arrays. * **Enterprise Core Networking:** High-bandwidth uplinks within a data center environment.
    ✨ Follow-up Questions
    • ⤷What is the maximum cable length supported by this specific model?
    • ⤷ Is this part compatible with Cisco or Arista networking equipment?
    • ⤷ Does this component support the SFP28 25Gbps standard?