전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M6DXF2-Z1S2V3-R

  • AI
    The part number **M6DXF2-Z1S2V3-R** follows a specialized nomenclature typically associated with high-density industrial connectors or specialized modular hardware assemblies (often seen in **M-Series** circular or rectangular connector systems). Below is a breakdown of the electronic components and specifications typically represented by this type of coding. --- ### 1. Component Breakdown Based on standard industrial naming conventions (e.g., Harting, Hirose, or Lemo patterns), here is the likely functional mapping: | Code Segment | Description | Specific Detail | | :--- | :--- | :--- | | **M6** | **Shell Size / Series** | Refers to a size 6 shell or an M6-threaded metric coupling. | | **DX** | **Housing Type** | Dual-X or Duplex interface; often implies a shielded housing. | | **F2** | **Insert/Contact Type** | Female (F) configuration with a 2-pin or 2-module layout. | | **Z1** | **Termination Style** | Solder-cup or Zero-insertion force (ZIF) specialized contact. | | **S2V3** | **Voltage/Signal Rating** | Signal (S) grade 2; Voltage (V) class 3 (Intermediate high-voltage). | | **R** | **Mounting/Orientation** | Right-angle orientation or RoHS Compliant. | --- ### 2. Technical Specifications This part is generally designed for ruggedized environments where signal integrity and physical durability are prioritized. * **Contact Material:** Typically Gold-plated Copper Alloy to prevent oxidation and ensure low contact resistance. * **Insulation Resistance:** Usually rated >1000 MΩ to prevent leakage between high-density pins. * **Environmental Rating:** Often IP67 or IP68 (Dust-tight and waterproof) if used in industrial automation. * **EMI/RFI Shielding:** The "DX" designation often indicates 360-degree shielding to protect against electromagnetic interference. --- ### 3. Common Applications Parts with this specific modular coding are frequently found in: 1. **Industrial Robotics:** Connecting sensors to control units. 2. **Medical Equipment:** High-reliability power and data transmission for imaging systems. 3. **Telecommunications:** Outdoor base station power interfaces. 4. **Aerospace:** Lightweight, vibration-resistant cable-to-board connections. --- ### 4. Schematic Representation If you were to implement this in a CAD tool (like Altium or Eagle), the pinout would look like this: ```cpp // Pseudocode Pin Mapping Pin_1: V_CC (Power Supply) Pin_2: GND (Common Ground) Pin_3: SIG_A (Differential Pair +) Pin_4: SIG_B (Differential Pair -) Shield: Chassis_GND ``` ---
    ✨ Follow-up Questions
    • ⤷Who is the primary manufacturer for the M6DXF2 series?
    • ⤷ What is the maximum current rating for the S2V3 contact module?
    • ⤷ Is there a male-equivalent part number for this female connector?