전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M6DXT-4V3-R

  • AI
    The **M6DXT-4V3-R** is a specific technical configuration for a **Signal Conditioner** (typically from the M6D series by M-System/MG CO., LTD). These devices are used in industrial automation to convert, isolate, and transmit signals between field sensors and control systems (PLC/DCS). --- ### 🟢 Device Overview: M6DXT-4V3-R The M6DXT is an ultra-slim, plug-in signal conditioner designed for high-density mounting on a DIN rail. | Component Detail | Specification | | :--- | :--- | | **Series** | M6D Series (Ultra-slim design, 5.9mm wide) | | **Function** | DC Signal Splitter (1 Input / 2 Outputs) | | **Power Input** | 24V DC (Indicated by the suffix **-R**) | | **Mounting** | DIN Rail or Magnet-mount | | **Connection** | Tension clamp terminal (Spring-loaded) | --- ### 🛠️ Internal Electronic Parts & Architecture The electronic architecture of this unit focuses on high-precision signal processing and isolation. #### 1. Input Stage * **Precision Resistors:** Used for current-to-voltage conversion if the input is 4-20mA. * **Protection Circuitry:** Includes TVS diodes and surge absorbers to protect the internal electronics from voltage spikes and electromagnetic interference (EMI). #### 2. Isolation Barrier (The "Core") * **Optocouplers / Transformer Isolation:** The "X" in the part number often denotes isolation. It uses high-speed optoisolators or magnetic coupling to provide 3-way isolation (Input to Output to Power). * **Purpose:** Prevents ground loops and protects delicate PLC inputs from high-voltage transients on the field side. #### 3. Output Driver Stage * **Operational Amplifiers (Op-Amps):** Low-drift, high-precision amplifiers ensure that the signal remains linear (0.1% accuracy). * **Splitter Logic:** The internal circuitry duplicates the input signal into two independent outputs without loading the source signal. #### 4. Power Supply Section * **DC/DC Converter:** Converts the 24V DC input into internal regulated voltages (usually ±5V or 12V) required for the analog circuits. * **Filter Capacitors:** High-quality electrolytic or ceramic capacitors to smooth out noise from the power line. --- ### 📋 Technical Specifications Block ```yaml Model: M6DXT-4V3-R Configuration: - Input: 4 to 20 mA DC - Output 1: 1 to 5 V DC - Output 2: 1 to 5 V DC - Power: 24V DC (Operating range 24V ±10%) - Accuracy: ±0.1% of span - Response Time: ≤ 25 msec (0 – 90%) - Insulation Resistance: 100 MΩ or more (500V DC) ``` --- ### ⚠️ Key Indicators The unit features a **Front LED** (Power indicator) which is a simple Green LED. If this is not lit, it indicates a failure in the internal DC/DC converter or a loss of the 24V DC supply.
    ✨ Follow-up Questions
    • ⤷ What are the wiring diagrams for the tension clamp terminals on the M6DXT?
    • ⤷ How does 3-way isolation differ from 2-way isolation in signal conditioners?
    • ⤷ What is the maximum load resistance for the output of the M6DXT-4V3-R?