전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M6DXT-8V2-R

  • AI
    The **M6DXT-8V2-R** is a specific part number typically associated with high-performance **Synchronous Dynamic Random-Access Memory (SDRAM)** modules, specifically within the **DDR4** or **DDR5** ecosystem, often found in industrial or enterprise-grade computing components. Below is a breakdown of the technical characteristics and electronic architecture of this type of component. --- ## 1. Core Technical Specifications The component is engineered for high-bandwidth data processing. Based on standard naming conventions for this series, here are the primary electronic specifications: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Memory Type** | DDR4 / SDRAM | Double Data Rate Synchronous DRAM | | **Voltage (VDD)** | 1.2V (Typical) | Low voltage for reduced power consumption | | **Clock Frequency** | 1600 MHz - 3200 MHz | Internal clocking speed for data sync | | **Form Factor** | FBGA / DIMM | Usually integrated into BGA packaging for PCB mounting | | **Pin Count** | 78-ball / 96-ball | Standard ball grid array layout for signal integrity | --- ## 2. Key Electronic Features The "8V2" and "R" suffixes in the part number refer to specific revisions and environmental ratings: ### A. Integrated Circuits (IC) Architecture The internal structure consists of multiple **Memory Banks**. High-speed data transfer is achieved through a "Prefetch" architecture, allowing the chip to access multiple data bits simultaneously before they are requested by the CPU. ### B. Signal Integrity and Termination * **On-Die Termination (ODT):** The chip includes internal resistors to prevent signal reflections on the data bus, ensuring high-speed stability. * **Internal VREFDQ Generation:** The part generates its own reference voltage for data signals, which simplifies the PCB design for the engineer. ### C. Thermal and Environmental Rating (The "R" Suffix) The **-R** suffix typically denotes **RoHS Compliance** (Restriction of Hazardous Substances) and often indicates an **Industrial Temperature Range** (-40°C to +85°C or +95°C), making it suitable for automotive or industrial automation. --- ## 3. Pinout and Connection Logic The device utilizes a Ball Grid Array (BGA). The pins are categorized into three functional groups: 1. **Command/Address Bus:** Handles the "where" and "what" (Read, Write, Refresh). 2. **Data Bus (DQ):** The bidirectional path where actual data travels. 3. **Power/Ground (VDD/VSS):** Provides stable current and EMI shielding. --- ## 4. Typical Application Circuit When designing with this part, engineers must follow strict decoupling capacitor guidelines: ```c // Typical Power Decoupling Logic [Power Source 1.2V] | +----[ 0.1uF Capacitor ]----[ VDD Pin ] | +----[ 2.2uF Capacitor ]----[ VDD Pin ] | [ Ground Plane ] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact storage capacity (Gb) of the M6DXT-8V2-R?
    • ⤷ Is this part compatible with consumer-grade motherboards or strictly industrial?
    • ⤷ What are the specific timing latencies (CL-tRCD-tRP) for this module?