전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M6NXT-2V2-R

  • AI
    The **M6NXT-2V2-R** is a specific variant of the M6NXT series of industrial motherboards/modules, typically used in embedded computing, automation, and telecommunications. This hardware is designed for high reliability and consistent performance in demanding environments. --- ### Core Technical Specifications | Feature | Specification Details | | :--- | :--- | | **Form Factor** | Embedded Module (often compliant with standard industrial mounting) | | **Voltage Input** | Typically supports 12V or 24V DC (varies by power daughterboard) | | **Connectivity** | Multi-port Ethernet, Serial (RS232/485), and USB interfaces | | **Operating Temp** | Industrial grade (often -20°C to +70°C) | | **Revision** | V2-R (indicates the second major revision with "R" for RoHS compliance) | --- ### Key Electronic Components The architecture of the M6NXT-2V2-R consists of several critical subsystems: #### 1. Processing Core The board is centered around a System-on-Chip (SoC) or a high-efficiency CPU designed for low TDP (Thermal Design Power). This allows the unit to operate in fanless enclosures without overheating. #### 2. Networking Interface (Ethernet) These modules are known for robust networking. They often utilize **Intel or Realtek Gigabit Ethernet controllers**. The electronic design includes: * **Magnetic Isolation:** Protections against surges on the RJ45 lines. * **LED Indicators:** Integrated into the jacks for link/activity status. #### 3. Power Management Unit (PMU) Because it is an industrial part, the power circuitry includes: * **Solid Capacitors:** Longer lifespan compared to electrolytic capacitors under high heat. * **Voltage Regulators:** High-efficiency DC-to-DC converters to step down input voltage for the CPU and RAM. #### 4. Storage & Memory Interfaces * **mSATA / M.2 Slots:** For high-speed industrial SSDs. * **SO-DIMM Slots:** Supports DDR3 or DDR4 RAM (depending on the specific generation of the M6NXT). --- ### Common Applications 1. **Industrial Gateways:** Routing data between factory machines and the cloud. 2. **Digital Signage:** Driving high-resolution displays in 24/7 environments. 3. **Edge Computing:** Processing sensor data locally before sending it to a main server. --- ### Technical Maintenance Note When replacing or repairing the **M6NXT-2V2-R**, ensure that the BIOS settings match the peripheral requirements (such as COM port voltage levels), as industrial boards often allow for 5V/12V power passthrough on serial ports which can damage non-compatible equipment if set incorrectly.
    ✨ Follow-up Questions
    • ⤷ What are the compatible CPU models for the M6NXT-2V2-R?
    • ⤷ Does this board support fanless cooling solutions?
    • ⤷ What is the maximum supported RAM capacity for this specific revision?