전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M6NXU-R1V3-R/Q

  • AI
    The **M6NXU-R1V3-R/Q** typically refers to a high-performance **System on Module (SoM)** or an industrial-grade embedded computing board, often associated with Advantech’s ROM series or similar RTX (Rugged Technology eXtended) form factors. These parts are designed for rugged, industrial IoT (IIoT) applications where reliability and specific I/O capabilities are required. --- ### Core Specifications Table | Feature | Description | | :--- | :--- | | **Form Factor** | RTX (Rugged Technology eXtended) or Custom SoM | | **Processor Support** | Typically NXP i.MX series (e.g., i.MX6 Quad/Dual) | | **Memory** | Onboard DDR3L RAM (1GB - 2GB standard) | | **Storage** | Onboard eMMC Flash (typically 4GB - 16GB) | | **Power Input** | Wide range DC input (typically 5V or 12V) | | **Operating Temp** | Industrial Grade (-40°C to 85°C) | --- ### Key Electronic Components The "M6NXU" naming convention usually breaks down into specific technical subsystems: #### 1. Processing Unit (CPU) * **Architecture:** ARM Cortex-A9. * **Capabilities:** Multi-core processing suited for high-definition video decoding, 2D/3D graphics acceleration, and low power consumption. #### 2. Connectivity and I/O The board interfaces with carrier boards via high-density connectors to provide: * **Ethernet:** Gigabit Ethernet controller with PHY. * **USB:** Multiple USB 2.0 Host and OTG ports. * **Display:** Support for LVDS, HDMI, and parallel RGB interfaces. * **Serial:** UART, I2C, SPI, and CAN bus for industrial sensor communication. #### 3. Power Management (PMIC) * Uses a dedicated Power Management IC to handle the complex sequencing required for the ARM processor and DDR memory. * Includes protection circuits against over-voltage and thermal throttling. #### 4. Firmware and BIOS * **Bootloader:** U-Boot support. * **OS Support:** Linux (Yocto Project), Android, and QNX. --- ### Application Use Cases 1. **Industrial Automation:** Human-Machine Interface (HMI) panels. 2. **Medical Devices:** Portable diagnostic equipment requiring low power and high reliability. 3. **Transportation:** Fleet management systems and in-vehicle infotainment. 4. **Outdoor Signage:** Ruggedized displays exposed to extreme temperature fluctuations.
    ✨ Follow-up Questions
    • ⤷ What are the pinout differences between the R1V3 and earlier revisions?
    • ⤷ Which carrier boards are compatible with the M6NXU module?
    • ⤷ Does this module support hardware-based encryption or TPM?