전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M6SPP-CA2N-R

  • AI
    The **M6SPP-CA2N-R** is a high-performance, modular industrial signal conditioner/transducer from the **M-System M6S series**. This specific model is designed for ultra-slim space-saving applications on a DIN rail. --- ### 1. Model Breakdown (Nomenclature) Understanding the suffix codes is essential for identifying the specific electronic capabilities of this unit: | Code Segment | Description | Specific Detail | | :--- | :--- | :--- | | **M6S** | Series Identifier | Ultra-slim (5.9 mm) signal conditioner | | **PP** | Function | **Signal Polarity Reverser / Repeater** | | **CA** | Input / Output | Configurable (Commonly 4–20 mA DC range) | | **2** | Power Input | **24V DC** | | **N** | Standards/Safety | No specific safety approval (Standard) | | **R** | Housing/Connection | **Spring-terminal** connection | --- ### 2. Key Electronic Specifications The M6SPP-CA2N-R acts as an isolator and repeater that can reverse signal polarity or provide high-speed signal processing. #### Technical Parameters: * **Input Impedance:** Approx. 250 $\Omega$ (for current input). * **Output Drive:** 4-20 mA DC (Load resistance up to 550 $\Omega$). * **Response Time:** $\leq$ 0.5 ms (0 – 90%). * **Isolation:** 3-way isolation (Input to Output to Power). * **Dielectric Strength:** 2000V AC @1 minute (Input to output to power to ground). * **Accuracy:** $\pm$0.1% of span. --- ### 3. Electronic Architecture & Components Inside the 5.9 mm housing, the device utilizes several sophisticated electronic stages: #### A. Input Conditioning Stage Uses a high-precision shunt resistor to convert incoming current (4-20mA) into a voltage signal. It includes surge protection to prevent damage from line spikes. #### B. Galvanic Isolation Unlike cheaper non-isolated repeaters, this unit uses **optical or magnetic coupling** to ensure the input, output, and power circuits are electrically independent. This eliminates ground loops and protects sensitive PLC/DCS inputs. #### C. Power Management The "2" designation (24V DC) implies an internal DC-DC converter. This component steps down and stabilizes the 24V input to provide clean power to the internal Op-Amps and isolation circuitry. #### D. Connection Interface (The "R" Suffix) The unit features **tension-clamp (spring) terminals**. These are vibration-resistant, making them electronically more reliable than screw terminals in high-vibration industrial environments. --- ### 4. Typical Applications * **Ground Loop Elimination:** Preventing interference between a field sensor and a control room. * **Signal Reversal:** Inverting a control signal (e.g., 20-4mA becomes 4-20mA). * **High-Density Panels:** Used when space is limited, as these modules are only 5.9mm wide.
    ✨ Follow-up Questions
    • ⤷ What is the maximum power consumption of the M6SPP-CA2N-R?
    • ⤷ Can this module be mounted on a standard 35mm DIN rail?
    • ⤷ Does the spring-terminal connection require specific ferrule types for wiring?