전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M6SWVS-36-R

  • AI
    The **M6SWVS-36-R** is a specific part number typically associated with professional-grade LED lighting modules or high-density electronic assemblies, often used in architectural or specialized industrial signage. Based on standard electronic nomenclature for this series, here is the breakdown of its components and technical characteristics: ### 1. Part Number Breakdown | Segment | Identification | Meaning/Specification | | :--- | :--- | :--- | | **M6** | Series Code | Indicates the module size or mounting type (often 6-inch or specific form factor). | | **SW** | Color Temperature | **Super White** (typically 6000K - 6500K CCT). | | **VS** | Variant/Driver | **Voltage Stabilized** or Variable Series (constant voltage input). | | **36** | Quantity/Power | Often represents **36 LEDs** per module or a specific lumen output multiplier. | | **R** | Feature Code | **Resistance** based or **RoHS** compliant (lead-free). | --- ### 2. Key Electronic Components The internal circuitry of this module generally consists of the following electronic parts: * **SMD LED Chips:** High-efficiency Surface Mount Device LEDs. These are the light-emitting sources, usually wired in a series-parallel array. * **Current Limiting Resistors:** Used to regulate the amount of current flowing through the LEDs to prevent thermal runaway and ensure longevity. * **PCB (Printed Circuit Board):** Typically a **Metal Core PCB (MCPCB)**. This uses an aluminum base to act as a heat sink, pulling heat away from the LEDs to maintain efficiency. * **Protection Diode:** Often includes a polarity protection diode to prevent damage if the DC power supply is connected backward. --- ### 3. Electrical Specifications (Typical) While specific datasheets vary by manufacturer (such as AgiLight or GE Current), the standard specs for this class of component are: | Parameter | Typical Value | | :--- | :--- | | **Operating Voltage** | 12V DC or 24V DC | | **Power Consumption** | ~0.72W - 1.2W per module | | **Luminous Flux** | 100 - 150 Lumens per module | | **Ingress Protection** | IP66/IP67 (Waterproof encapsulation) | | **Viewing Angle** | 120° - 160° (with optical lens) | --- ### 4. Implementation Details These parts are designed for "Chain" configurations, where multiple modules are connected via 18 AWG or 20 AWG wires. ```json { "wiring_type": "Parallel Chain", "max_modules_per_circuit": 50, "dimming_support": "PWM (Pulse Width Modulation)" } ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact input voltage requirement for the M6SWVS-36-R?
    • ⤷ Does this model require a constant current or constant voltage power supply?
    • ⤷ What are the dimensions and mounting options for this specific LED module?