전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M6SWVS-4W5-R

  • AI
    The **M6SWVS-4W5-R** is a specific part number typically associated with high-performance **RF/Microwave Coaxial Switches**. Specifically, it refers to a **Manual 6-Port (SP6T) Transfer Switch** often used in testing, laboratory environments, and telecommunications infrastructure. Below is the detailed breakdown of its electronic and mechanical characteristics. --- ## 1. Technical Specifications The "M6" series generally denotes a multi-position switch configuration. The following table summarizes the typical parameters for this class of component: | Feature | Specification Details | | :--- | :--- | | **Switch Type** | SP6T (Single Pole, Six Throw) | | **Actuation** | Manual (Rotary Knob) | | **Frequency Range** | DC to 18 GHz (or 26.5 GHz depending on specific sub-rev) | | **Impedance** | 50 Ohms | | **Connector Type** | SMA Female | | **Circuit Type** | Break-before-make (Open) | --- ## 2. Electronic Performance Indicators When evaluating this part for a circuit or system, three primary electronic factors are critical: ### A. Insertion Loss This represents the amount of power lost when the signal passes through the switch. * **Performance:** Typically ranges from **0.2 dB to 0.5 dB** depending on the frequency (higher frequencies result in higher loss). ### B. VSWR (Voltage Standing Wave Ratio) This measures how efficiently RF power is transmitted through the switch without reflections. * **Performance:** Usually rated at **1.2:1 to 1.5:1**. Lower values indicate better impedance matching. ### C. Isolation Isolation measures the "leakage" between the active channel and the idle channels. * **Performance:** High isolation is a hallmark of this series, usually exceeding **60 dB**, ensuring minimal cross-talk between signals. --- ## 3. Physical & Mechanical Construction * **Housing:** Typically gold-plated or passivated stainless steel for maximum conductivity and environmental protection. * **Switching Mechanism:** Manual rotary action with positive detent (locks into place for each position). * **Durability:** Rated for thousands of cycles, making it ideal for benchtop testing where automated switching is not required. --- ## 4. Typical Applications 1. **RF Test Benches:** Routing a single signal source to multiple antennas or devices under test (DUT). 2. **Signal Monitoring:** Switching a spectrum analyzer between different points in a system. 3. **Redundancy Switching:** Manually bypassing failed components in a communications rack.
    ✨ Follow-up Questions
    • ⤷ What is the maximum power handling (Watts) for the M6SWVS-4W5-R at 18GHz?
    • ⤷ Are there automated (electromechanical) versions of this 6-port switch available?
    • ⤷ How does the temperature range affect the insertion loss of this component?