전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M6SWVS-4W6-R

  • AI
    The **M6SWVS-4W6-R** is a specific technical part number, typically associated with high-performance **RF/Microwave components**, specifically a **Multi-Throw PIN Diode Switch** or a related microwave sub-assembly. Below is a breakdown of the electronic characteristics and technical specifications generally associated with this class of components. --- ## 1. Technical Overview This component is designed for routing high-frequency signals with minimal loss and high isolation. It is commonly used in radar, electronic warfare (EW), and communication test sets. ### Key Specifications | Feature | Typical Value / Description | | :--- | :--- | | **Component Type** | PIN Diode Reflective/Absorptive Switch | | **Frequency Range** | Usually spans 2.0 to 18.0 GHz (Broadband) | | **Configuration** | SP6T (Single Pole Six Throw) | | **Control Logic** | TTL Compatible (Transistor-Transistor Logic) | | **Switching Speed** | < 100 nanoseconds (High Speed) | | **Insertion Loss** | 2.5 - 4.0 dB (depending on frequency) | | **Isolation** | > 60 dB | --- ## 2. Electronic Part Breakdown ### A. PIN Diode Architecture The "heart" of the device consists of PIN diodes. Unlike standard diodes, PIN diodes act as a variable resistor at RF frequencies. * **Forward Bias:** Low resistance (the switch is "ON"). * **Reverse Bias:** High resistance/capacitance (the switch is "OFF"). ### B. Integrated Driver Circuitry The "4W6" and "R" suffixes often indicate internal driver configurations. The part includes an internal **TTL Driver**, which allows a low-voltage digital signal (0V/5V) from a microcontroller or FPGA to control the high-voltage/current biasing required by the diodes. ### C. Power Supply Requirements These units typically require dual-voltage rails to operate the internal high-speed drivers: * **+5V DC:** For logic and forward biasing. * **-12V to -15V DC:** For reverse biasing to ensure high isolation and power handling. --- ## 3. Physical & Environmental Attributes * **Connector Type:** Usually SMA Female for RF ports and a Solder Pin or D-Sub for power/logic. * **Housing:** Hermetically sealed aluminum or kovar package to prevent EMI interference. * **Operating Temp:** Often rated for military grade (-55°C to +85°C). --- ## 4. Common Applications 1. **Antenna Array Switching:** Selecting between different antenna elements. 2. **Signal Routing:** Directing signals in automated test equipment (ATE). 3. **Pulse Modulation:** Used to "chop" a continuous wave (CW) signal into pulses for radar applications. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency range for the M6SWVS series?
    • ⤷ How does the switching speed of a PIN diode compare to a GaAs FET switch?
    • ⤷ What are the pinout configurations for the TTL control logic?