전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M6SWVS-5WA-R/K

  • AI
    ## Analysis of the M6SWVS-5WA-R/K Component The **M6SWVS-5WA-R/K** is a specialized electronic component, typically categorized as a **Surface Mount (SMD) Power Resistor** or a specific shunt resistor used in current sensing applications. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the primary electrical parameters: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Series** | M6SWVS | Metal plate/Current sense series | | **Power Rating** | 5 Watts | High power dissipation capability | | **Mounting Type** | SMD / SMT | Surface mount technology | | **Resistance Tolerance** | ±0.5% to ±1% (typ.) | Precision grade for sensing | | **Termination** | Wide Terminal | Enhanced heat dissipation and solder strength | | **RoHS Status** | Compliant (R/K) | Lead-free and environmentally friendly | --- ### 2. Functional Characteristics #### A. Wide Terminal Construction The "W" in the part number often denotes a **Wide Terminal** configuration. In high-power SMD components, placing the terminals on the long side of the rectangular body provides: * **Lower Thermal Resistance:** Heat transfers more efficiently to the PCB. * **Improved Solder Joint Integrity:** Larger surface area reduces the risk of cracks due to thermal expansion. * **Lower Inductance:** Ideal for high-frequency switching applications. #### B. Current Sensing (Shunt) Capabilities This part is primarily used as a **Shunt Resistor**. It is designed to have a very low resistance value (milliohms), allowing it to measure current by monitoring the voltage drop across it ($V = I \times R$). #### C. Thermal Management With a **5W power rating**, this component generates significant heat. It usually features a metal alloy element that maintains stability even at high temperatures, preventing "Thermal Runaway" in power supplies. --- ### 3. Common Applications * **Automotive Electronics:** Battery Management Systems (BMS) and ECU power monitoring. * **Power Supplies:** DC-DC converters and AC-DC inverters. * **Industrial Control:** Motor drives and overcurrent protection circuits. * **Consumer Electronics:** High-power battery chargers for laptops or power tools. --- ### 4. Circuit Symbol and Layout Tip ```text [ R_Shunt ] In >---| |---> Out |_______| | | V V (To Sensing IC / Op-Amp) ``` *Tip: When designing the PCB for the M6SWVS series, use a **Kelvin Connection** (4-wire sensing) to ensure the voltage measurement is taken directly at the resistor terminals, avoiding errors caused by trace resistance.*
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value for the 5WA variant?
    • ⤷ How does the wide terminal design affect PCB layout spacing?
    • ⤷ Can this component be used in high-vibration automotive environments?