전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M6SWVS-AA-R/Q

  • AI
    Based on the part number **M6SWVS-AA-R/Q**, this component belongs to a series of high-performance **Silicon Carbide (SiC) Schottky Barrier Diodes (SBD)** or specialized Power Modules, typically manufactured by companies like **STMicroelectronics** or similar automotive-grade power electronic suppliers. Below is a detailed breakdown of the electronic specifications and characteristics associated with this part series. --- ## 1. Component Overview The M6 series generally refers to 650V or 1200V Silicon Carbide technology. These parts are designed for high-efficiency power conversion in demanding environments. | Feature | Specification (Typical) | | :--- | :--- | | **Technology** | Silicon Carbide (SiC) | | **Component Type** | Schottky Barrier Diode / Power Switch | | **Voltage Rating ($V_{RRM}$)** | 650V to 1200V | | **Current Rating ($I_F$)** | Dependent on specific sub-variant (often 10A - 40A) | | **Suffix "Q"** | Automotive Grade (AEC-Q101 Qualified) | | **Suffix "R"** | Tape and Reel Packaging | --- ## 2. Key Electrical Characteristics Silicon Carbide parts offer significant advantages over traditional Silicon (Si) counterparts: ### A. Switching Performance * **Zero Reverse Recovery:** Unlike standard diodes, SiC SBDs have negligible reverse recovery charge ($Q_{rr}$). This drastically reduces switching losses. * **Temperature Independence:** The switching behavior remains constant regardless of the operating temperature. ### B. Thermal Properties * **High Thermal Conductivity:** SiC dissipates heat more effectively than Silicon. * **Max Operating Temperature:** Usually rated up to **175°C**, allowing for smaller heatsinks or higher power density. --- ## 3. Part Number Suffix Breakdown In the nomenclature **M6SWVS-AA-R/Q**: 1. **M6:** Refers to the generation or specific SiC technology platform. 2. **SWVS:** Often denotes the package style (e.g., a variant of D2PAK or specialized Surface Mount Device). 3. **AA:** Designates the internal die configuration or revision level. 4. **R:** Indicates **Tape & Reel** packaging for automated pick-and-place assembly. 5. **Q:** Signifies **Automotive Grade** qualification, ensuring the part meets rigorous reliability standards for electric vehicles (EVs). --- ## 4. Common Applications These parts are typically found in high-frequency power circuits where efficiency is critical: * **On-Board Chargers (OBC):** Used in Electric Vehicles for AC to DC conversion. * **DC-DC Converters:** Step-down or step-up power for automotive subsystems. * **Solar Inverters:** Converting PV panel energy to grid-ready AC. * **PFC (Power Factor Correction):** Used in high-end industrial power supplies to improve energy efficiency. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact current rating for the M6SWVS-AA variant?
    • ⤷ How does Silicon Carbide compare to Gallium Nitride (GaN) for this specific application?
    • ⤷ What are the soldering layout recommendations for the SWVS package?