전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M6SXAS-S1-R

  • AI
    The **M6SXAS-S1-R** is a specific part number belonging to the **M6S series** of Solid State Drives (SSD) manufactured by **Plextor**. This component is designed for high-performance computing, utilizing the SATA III interface. Below is a breakdown of its electronic components and technical specifications. --- ### 1. Technical Specifications Table | Feature | Specification | | :--- | :--- | | **Form Factor** | 2.5-inch (7mm slim design) | | **Interface** | SATA III 6.0 Gb/s (backward compatible) | | **Capacity** | 128GB (Standard for S1-R variant) | | **Controller** | Marvell 88SS9188 | | **NAND Flash** | Toshiba A19nm MLC (Multi-Level Cell) | | **Buffer/Cache** | DDR3 SDRAM (typically 256MB) | --- ### 2. Key Electronic Components The performance and reliability of the M6SXAS-S1-R are driven by three primary electronic pillars: #### A. The Controller (Marvell 88SS9188) Often referred to as the "brain" of the SSD, this dual-core processor manages data flow, error correction (ECC), and wear leveling. * **Performance:** Optimized for low power consumption without sacrificing high-speed data throughput. * **Efficiency:** Supports **DEVSLP** (Device Sleep) mode, which allows the drive to consume almost no power when idle, extending laptop battery life. #### B. NAND Flash Memory (Toshiba A19nm MLC) The storage medium itself. * **MLC vs TLC:** Unlike modern budget drives that use TLC (Triple-Level Cell), this part uses **MLC**. MLC provides higher endurance (more write cycles) and better data retention. * **Process Node:** The "A19nm" refers to Toshiba's second-generation 19nm manufacturing process, which improved density and efficiency. #### C. DRAM Cache (DDR3) To bridge the speed gap between the controller and the NAND flash, the S1-R includes a dedicated DDR3 RAM chip. * **Function:** It stores the "mapping table" (LBA-to-PBA), allowing the controller to locate data instantly rather than searching the slower NAND memory. --- ### 3. Electronic Protection & Logic The circuitry includes several logic layers to ensure data integrity: * **TrueSpeed Technology:** A proprietary Plextor firmware feature that prevents "SSD slowdown" (performance degradation) after long-term use and high disk occupancy. * **Bad Block Management:** The controller automatically identifies and retires failing memory cells to prevent data corruption. * **Thermal Sensors:** Onboard sensors monitor the temperature of the controller and NAND to prevent overheating through thermal throttling.
    ✨ Follow-up Questions
    • ⤷ What is the difference in lifespan between the MLC NAND used in this model versus modern TLC drives?
    • ⤷ Can this 2.5-inch SATA drive be converted for use in an M.2 slot?
    • ⤷ What are the typical read/write speeds for the Marvell 88SS9188 controller?