전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M6SXAS-S2-R/Q

  • AI
    The **M6SXAS-S2-R/Q** is a high-precision, industrial-grade absolute rotary encoder manufactured by **Mitsubishi Electric**. This component is primarily used in high-performance motion control systems, specifically designed to interface with Mitsubishi's **MELSERVO** series (like the HC/HF/HA motors). --- ### 1. Technical Specifications Below are the core technical attributes of the M6SXAS-S2-R/Q: | Feature | Specification | | :--- | :--- | | **Type** | Absolute Rotary Encoder | | **Resolution** | 17-bit (131,072 pulses per revolution) | | **Communication** | Serial Data Transfer (Proprietary Mitsubishi Protocol) | | **Mounting Style** | Hollow Shaft / Built-in Type | | **Signal Output** | Differential Line Driver | | **Power Supply** | 5V DC (Standard) | --- ### 2. Key Electronic Components & Functionality #### A. Optical Sensing Assembly At the heart of the M6SXAS is an optical disk and an LED light source. - **Scanning Reticle:** Uses a photodiode array to detect patterns of light passing through the coded disk. - **High Resolution:** The 17-bit capability allows the system to detect extremely minute changes in angular position, ensuring smooth motor rotation at low speeds. #### B. Signal Processing ASIC The unit contains an Application-Specific Integrated Circuit (ASIC) that: 1. **Interpolates Signals:** Converts the raw optical analog signals into high-resolution digital data. 2. **Error Correction:** Monitors for LED degradation or signal interference to ensure data integrity. 3. **Serialization:** Converts the parallel position data into a high-speed serial stream for communication with the Servo Drive. #### C. Absolute Position Logic Unlike incremental encoders, this part keeps track of the shaft's position even when power is removed (usually via a battery backup in the drive). - **Single-turn Data:** Provided by the physical markings on the disk. - **Multi-turn Tracking:** Managed by the drive using the encoder's data to count full rotations. --- ### 3. Connection & Wiring (Typical) The encoder typically utilizes a multi-pin connector for power and data: | Pin/Wire Color | Function | Description | | :--- | :--- | :--- | | **P5 / Red** | VCC | +5V Power Input | | **LG / Black** | GND | 0V Ground | | **SD / Blue** | Serial Data | Bi-directional data line (+) | | **SDR / White** | Serial Data Inv | Bi-directional data line (-) | | **BAT / Pink** | Battery | Optional battery feed for absolute data retention | --- ### 4. Common Applications * **CNC Machining Centers:** Providing precise feedback for spindle and axis positioning. * **Robotic Arms:** Ensuring repeatable accuracy in pick-and-place operations. * **Semiconductor Manufacturing:** Where high-resolution movement is critical for wafer handling.
    ✨ Follow-up Questions
    • ⤷ What are the symptoms of a failing M6SXAS encoder in a servo system?
    • ⤷ How do I perform a battery replacement for the absolute position backup?
    • ⤷ Is the M6SXAS-S2-R/Q interchangeable with the M6SXAS-S1 series?