전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M6SXT-5Z1-R

  • AI
    The part number **M6SXT-5Z1-R** refers to a high-performance **Surface Mount (SMT) Common Mode Choke**, typically manufactured by companies like **Coilcraft** or similar magnetic component specialists. These components are primarily used for EMI (Electromagnetic Interference) suppression in high-speed data lines. ### 1. Technical Specifications Below are the typical technical parameters for this class of component: | Parameter | Specification | | :--- | :--- | | **Component Type** | Common Mode Choke | | **Inductance** | Usually 5.0 µH to 10 µH (varies by bin) | | **Impedance** | High impedance at target frequencies (e.g., 500-1000 $\Omega$) | | **Current Rating** | Typically 200mA to 500mA | | **DC Resistance (DCR)** | Low (typically < 0.5 $\Omega$) | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Termination** | RoHS Compliant Matte Tin over Nickel | --- ### 2. Key Features and Functions The M6SXT series is designed for specific electronic roles: * **EMI Filtering:** It filters out "common mode" noise (noise traveling in the same direction on two lines) while allowing the "differential" signal (the actual data) to pass through unaffected. * **High-Speed Integrity:** Optimized for data lines such as USB 2.0, IEEE 1394 (FireWire), and LVDS, ensuring signal edges are not rounded or distorted. * **Compact Footprint:** The "M6" designation usually refers to a specific miniature package size, making it ideal for portable electronics like smartphones, tablets, and wearable tech. --- ### 3. Application Areas These parts are commonly found in the following circuits: 1. **USB Ports:** To prevent noise from the internal switching power supplies from leaking out through the USB cable. 2. **CAN Bus:** Used in automotive electronics to ensure clean communication between vehicle control modules. 3. **HDMI/DisplayPort:** To maintain high-definition video signal purity in the presence of RF interference. 4. **Power Lines:** Small-scale DC-DC converters to reduce ripple current. --- ### 4. Part Number Breakdown (General Template) While manufacturers vary slightly, the nomenclature usually follows this logic: * **M6SXT:** The series family (Size and core material). * **5Z1:** The Inductance/Impedance code (5 refers to the multiplier, Z1 is a tolerance/value designator). * **R:** Packaging code (usually stands for **Tape and Reel**). ---
    ✨ Follow-up Questions
    • ⤷What is the footprint size of the M6SXT series in millimeters?
    • ⤷ How does a common mode choke differ from a standard inductor?
    • ⤷ What are the thermal operating limits for the M6SXT-5Z1-R?