전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M7R15FAJ-R

  • AI
    The **M7R15FAJ-R** is a specific part number typically associated with **Tantalum Polymer Capacitors**, often manufactured by companies like **Nichicon** (as part of their FPCAP series) or similar specialized Japanese component manufacturers. These are high-performance surface-mount devices (SMD) used in power management. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the primary electronic characteristics: | Property | Specification | Details | | :--- | :--- | :--- | | **Component Type** | Tantalum Polymer Capacitor | Conductive polymer cathode | | **Capacitance** | 150 µF (Typical) | High energy density | | **Voltage Rating** | 6.3V - 16V | Varies by sub-series (Commonly 15V range) | | **ESR** | Ultra-Low | Usually < 20 mΩ | | **Package/Case** | SMD (Chip) | Standard EIA codes (e.g., 7343 or 3528) | | **Operating Temp** | -55°C to +105°C | Industrial grade stability | --- ### 2. Functional Role in Circuits The M7R15FAJ-R serves three primary electronic functions: 1. **Decoupling/Bypassing:** It filters out high-frequency noise from power supply lines to protect sensitive ICs. 2. **Bulk Storage:** Because of its 150µF capacity, it provides "reserve" energy during sudden load transients (e.g., when a CPU moves from idle to full load). 3. **Smoothing:** It converts rectified AC or pulsing DC into a steady, flat DC voltage with minimal ripple. --- ### 3. Advantages of the "Polymer" Construction Unlike standard Aluminum Electrolytic or standard Tantalum capacitors, the "FA" series utilizes a **Conductive Polymer**. This provides: * **No Ignition:** Standard Tantalums can catch fire if they fail; Polymer versions are "benign" and do not oxygenate a fire. * **Low ESR:** This allows the part to handle higher ripple currents without overheating. * **Capacitance Stability:** The capacitance remains stable even as the frequency or temperature changes. --- ### 4. Typical Applications * **Motherboards/Servers:** Voltage Regulator Modules (VRM). * **Networking:** Routers and High-speed switches. * **Solid State Drives (SSDs):** Power loss protection circuits. * **Laptops:** Ultra-thin power management stages.
    ✨ Follow-up Questions
    • ⤷ What is the exact footprint size for the M7R15FAJ-R?
    • ⤷ How does its ESR compare to a standard ceramic capacitor?
    • ⤷ Can this part be used in automotive applications?