전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M7R22FAJ-R

  • AI
    The **M7R22FAJ-R** is a specific part number belonging to a series of **Rotary Potentiometers** or **Encoders**, commonly manufactured by brands like **Noble** or used in specific industrial/audio equipment. --- ### 1. General Specifications Based on the standard nomenclature for this series of components, here are the likely technical specifications: | Feature | Description | | :--- | :--- | | **Component Type** | Rotary Potentiometer / Variable Resistor | | **Size/Form Factor** | 7mm or 9mm micro-type (Square/Rectangular body) | | **Mounting Type** | Through-hole (PCB Mount) | | **Adjustment Type** | Top-actuated or Side-actuated (depending on suffix) | | **Resistance Range** | Typically 1kΩ to 100kΩ (Check suffix for specific value) | | **Tolerance** | ±20% (Standard) | --- ### 2. Key Internal Electronic Parts To understand how the M7R22FAJ-R functions, it is broken down into these core elements: 1. **Resistive Element:** Usually a carbon film or cermet track. This provides the "R" (Resistance) that changes as the wiper moves. 2. **Wiper (Contact):** A metal brush that slides across the resistive element to pick up a specific voltage level or resistance value. 3. **Shaft/Actuator:** The physical part the user turns. In this series, it is often a "F" type (Flatted) or "J" type (J-hook/Special) shaft. 4. **Terminals:** Three pins—two for the ends of the resistive track and one for the wiper (output). 5. **Housing:** A dust-proof or sealed casing to protect the internal contacts from oxidation. --- ### 3. Application Use Cases These parts are typically found in compact electronic devices where space is limited: * **Audio Equipment:** Volume or tone control in portable speakers and mixers. * **Consumer Electronics:** Settings adjustments in cameras or small handheld gadgets. * **Industrial Controls:** Calibration points on PCB boards for sensors or timers. --- ### 4. Part Number Breakdown (Typical) | Code | Meaning | | :--- | :--- | | **M7R** | Series identifier (7mm/9mm Rotary) | | **22** | Mechanical configuration/style code | | **F/A** | Taper type (Linear vs. Audio Logarithmic) | | **J** | Shaft length/style (J-type flatted) | | **-R** | RoHS Compliant (Lead-free) |
    ✨ Follow-up Questions
    • ⤷ What is the specific resistance value (Ohms) for the M7R22FAJ-R?
    • ⤷ Is this part available in Surface Mount (SMD) versions?
    • ⤷ What are the common alternatives or equivalents for Noble M7 series potentiometers?