전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M7R22FCJ-R

  • AI
    The part number **M7R22FCJ-R** refers to a specific type of electronic component, typically a **Metal Oxide Varistor (MOV)** or a specialized resistor/protection device often used in automotive or industrial power electronics. Based on the nomenclature, this part is commonly associated with high-performance surge protection or power management. ### Component Overview and Specifications The following table summarizes the key characteristics of this electronic part: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Metal Oxide Varistor (MOV) / Protection Device | | **Series** | M7 Series | | **Body Diameter** | 7mm (Standard) | | **Mounting Type** | Through-Hole / Radial Lead | | **Packaging** | Tape & Reel (indicated by the "-R" suffix) | | **Material** | Zinc Oxide (ZnO) ceramic based | --- ### Technical Breakdown #### 1. Part Number Deciphering * **M7:** Usually indicates the physical size (7mm diameter disk). * **R22:** Often represents the nominal voltage or resistance value. In varistor terms, this relates to the breakdown voltage (e.g., 22V or a specific multiplier). * **FCJ:** A proprietary manufacturer code indicating tolerance (often ±10%) and lead configuration (kinked or straight leads). * **-R:** Standard industry notation for **RoHS Compliance** or **Reel** packaging. #### 2. Functional Role The primary function of this part is **Overvoltage Protection**. It acts as a voltage-dependent resistor: * **High Resistance:** Under normal operating voltage, the part stays in a high-impedance state, allowing the circuit to function normally. * **Low Resistance:** When a high-voltage spike (transient) occurs, the resistance drops instantly, shunting the excess energy to the ground and protecting sensitive downstream components (like ICs or MOSFETs). #### 3. Common Applications * **Automotive Electronics:** Protection against "Load Dump" transients in 12V/24V systems. * **Power Supplies:** Input surge protection for AC/DC converters. * **Industrial Controls:** Suppressing spikes from inductive loads like motors or solenoids. --- ### Implementation Considerations When integrating the M7R22FCJ-R into a PCB design, consider the following: ```markdown 1. Placement: Position the part as close to the power entry point as possible. 2. Trace Width: Ensure traces connecting to the device can handle high pulse currents. 3. Thermal: During a continuous overvoltage event, these parts can heat up; maintain proper clearance from heat-sensitive components. ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum surge current rating for the M7 series?
    • ⤷ Are there Surface Mount (SMD) equivalents for the M7R22FCJ-R?
    • ⤷ How do I calculate the appropriate clamping voltage for my circuit?