전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M7R23TAJ-R

  • AI
    The **M7R23TAJ-R** is a specific technical part number, typically associated with high-precision **Thin Film Chip Resistors** (often manufactured by Susumu or similar precision component vendors). These components are critical in circuits requiring high stability and low noise. ### 1. Technical Specifications The part number follows a specific nomenclature that defines its electrical characteristics: | Parameter | Typical Specification | Description | | :--- | :--- | :--- | | **Component Type** | Thin Film Resistor | High precision and stability compared to thick film. | | **Case Size** | 0603 or 0805 | Standard SMD (Surface Mount Device) footprint. | | **Resistance Value** | Variable (Defined by code) | High accuracy resistance. | | **Tolerance** | ±0.05% to ±0.1% | Extremely tight tolerance for precision timing/sensing. | | **TCR** | ±5ppm/°C to ±25ppm/°C | Temperature Coefficient of Resistance (low drift). | | **Power Rating** | 1/16W to 1/10W | Standard power handling for signal-level circuits. | --- ### 2. Internal Construction Unlike standard thick film resistors, thin film parts like the M7R series utilize a sputtered metal film on a ceramic substrate. * **Sputtered Layer:** A uniform thin layer of resistive material (usually Nichrome) is deposited. * **Laser Trimming:** The resistance is "trimmed" using a high-precision laser to reach the exact Ohmic value. * **Passivation Layer:** A protective coating ensures the resistor is immune to moisture and environmental sulfur, preventing "silver migration." --- ### 3. Key Electronic Features * **Low Noise:** Thin film technology produces significantly lower thermal noise, making it ideal for audio pre-amps and instrumentation. * **High Reliability:** Designed to operate in harsh environments with minimal resistance shift over thousands of hours. * **Sulfur Resistance:** The "R" suffix often denotes high reliability/sulfur resistance, preventing open-circuit failures in industrial settings. --- ### 4. Common Applications Due to its high precision, this component is found in: 1. **Medical Instrumentation:** For accurate sensor signal conditioning. 2. **Automotive ECU:** Sensors and control units where temperature stability is mandatory. 3. **Test & Measurement:** Oscilloscopes and multimeters requiring stable reference points. 4. **Industrial Automation:** PLC analog input modules. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between thin film and thick film resistors in precision circuits?
    • ⤷ How do I interpret the specific Ohmic value from the M7R part number suffix?
    • ⤷ What are the soldering profile requirements for SMD resistors like the M7R series?