전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M7R24FBJ-R

  • AI
    The part number **M7R24FBJ-R** refers to a specific series of **Multilayer Ceramic Capacitors (MLCC)**, typically manufactured by **Kyocera (AVX)**. These components are surface-mount devices (SMD) used extensively in high-frequency power decoupling and noise filtering. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Key Technical Specifications Based on the standard nomenclature for the M7/Kyocera series, here are the typical technical parameters: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | MLCC | Multilayer Ceramic Capacitor | | **Dielectric** | X7R / NP0 (Series dependent) | Stable temperature characteristics | | **Package Size** | 0402 / 0603 | Small footprint for dense PCBs | | **Termination** | Sn (Tin) | Standard solderable finish | | **Mounting Style** | SMD/SMT | Surface Mount Technology | | **Packaging** | Tape & Reel (-R) | Designed for automated pick-and-place | --- ### 2. Part Number Breakdown While manufacturer codes vary slightly, the "M7" series often follows this logic: * **M7**: Product series identifier (often indicating specific voltage or material tiers). * **R24**: Represents the nominal value or specific design revision. * **FBJ**: Tolerance and Voltage rating codes. * **-R**: Indicates **RoHS Compliant** and provided in **Reel** packaging. --- ### 3. Applications and Usage These electronic parts are critical in the following circuits: 1. **Decoupling:** Placed near IC power pins to filter out high-frequency noise from the power supply. 2. **Bypass:** Shunting AC noise to ground to prevent interference in sensitive signal lines. 3. **Frequency Filtering:** Used in RF (Radio Frequency) stages due to low ESR (Equivalent Series Resistance). 4. **Automotive/Industrial:** High-reliability versions are used in engine control units and sensor modules. --- ### 4. Handling and Soldering | Aspect | Guidance | | :--- | :--- | | **Soldering Method** | Reflow or Wave soldering. | | **MSL Rating** | Moisture Sensitivity Level 1 (Unlimited floor life at <30°C/85% RH). | | **Thermal Shock** | Ceramic is brittle; avoid rapid cooling after soldering to prevent micro-cracks. | ---
    ✨ Follow-up Questions
    • ⤷What is the exact capacitance and voltage rating for this specific part number?
    • ⤷ Are there equivalent alternatives from Murata or Samsung?
    • ⤷ What are the recommended PCB land pattern dimensions for this component?