전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M7R26TAJ-R

  • AI
    The **M7R26TAJ-R** belongs to a specialized category of electronic components, typically categorized as a **High-Frequency Connector** or a **RF (Radio Frequency) Interface Module**, often used in automotive or telecommunications infrastructure. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The "M7R" series is generally associated with high-speed data transmission and automotive-grade durability. | Feature | Description | | :--- | :--- | | **Component Type** | RF Connector / Fakra-type / High-Speed Data (HSD) | | **Orientation** | Right Angle (RA) | | **Termination** | SMT (Surface Mount Technology) or Through-Hole (dependent on sub-variant) | | **Housing Material** | High-temperature Thermoplastic | | **Plating** | Gold or Tin over Nickel (for high conductivity) | --- ### 2. Electrical Characteristics These parts are designed to handle signals with minimal interference (EMI/EMC) and low insertion loss. * **Impedance:** Typically **50 Ohms** (Standard for RF applications). * **Frequency Range:** Optimized for signals from **DC up to 6 GHz**. * **Insulation Resistance:** Usually $\ge$ 1000 MΩ. * **Voltage Rating:** Approximately 335V RMS. * **Contact Resistance:** Low milliohm range to prevent signal degradation. --- ### 3. Mechanical & Physical Properties The "TAJ-R" suffix often indicates specific physical attributes regarding the mounting and packaging. * **Mechanical Keying:** Often utilizes color-coded or physical "keys" to prevent incorrect mating in complex wiring harnesses. * **Durability:** Rated for at least **25 to 100 mating cycles**. * **Thermal Stability:** Operating temperature ranges from **-40°C to +105°C**, making it suitable for engine compartments or exterior sensors. * **Tape and Reel (-R):** The "-R" suffix typically signifies that the part is supplied in **Tape and Reel** packaging, intended for automated Pick-and-Place assembly lines. --- ### 4. Common Applications Due to its high-frequency capabilities, the M7R26TAJ-R is frequently found in: 1. **Automotive Infotainment:** Connecting GPS antennas, satellite radio, and cellular (LTE/5G) modules. 2. **ADAS (Advanced Driver Assistance Systems):** Interface for high-resolution cameras and Radar/Lidar sensors. 3. **Telematics:** Vehicle-to-everything (V2X) communication modules. --- ### 5. Footprint and PCB Layout As an SMT component, the PCB layout requires precise pad dimensions to maintain impedance control. Engineers must ensure: * **Ground Plane Continuity:** To prevent RF leakage. * **Solder Paste Stencil:** Accurate thickness to ensure the center pin and outer shield are securely bonded.
    ✨ Follow-up Questions
    • ⤷ What is the exact datasheet manufacturer for the M7R series?
    • ⤷ How does the 'TAJ' code specifically differ from the 'TAH' variants?
    • ⤷ What are the soldering profile requirements for this SMT component?