M7R32FBJ-R
AI

The **M7R32FBJ-R** is a specific part number belonging to a high-performance memory module, typically manufactured by **SK Hynix**. This part is a **Registered DIMM (RDIMM)** designed for use in enterprise-grade servers and high-end workstations.
---
### ## Technical Specifications
Below is a breakdown of the technical characteristics of the M7R32FBJ-R:
| Attribute | Specification |
| :--- | :--- |
| **Memory Type** | DDR4 SDRAM |
| **Form Factor** | 288-pin RDIMM (Registered DIMM) |
| **Capacity** | 32 GB |
| **Speed** | PC4-25600 (3200 MT/s) |
| **Error Correction** | ECC (Error Correcting Code) |
| **Rank** | 2Rx4 (Dual Rank) |
| **Voltage** | 1.2V |
| **CAS Latency** | CL22 |
---
### ## Key Electronic Components
The module is comprised of several critical electronic sub-parts that ensure stability and data integrity:
1. **DRAM Chips (Memory Die):**
The actual storage units. Being a **2Rx4** configuration, it uses high-density chips organized in two ranks. The "x4" indicates the data width of each individual chip on the module.
2. **Registering Clock Driver (RCD):**
The "R" in RDIMM stands for Registered. This chip acts as a buffer between the memory controller (CPU) and the DRAM chips. It redistributes signals to reduce the electrical load on the memory controller, allowing for higher capacities and more modules per channel.
3. **SPD EEPROM (Serial Presence Detect):**
A small 8-pin chip that stores the module's timing, voltage, and manufacturer information. The BIOS/UEFI reads this during boot to configure the memory settings automatically.
4. **Decoupling Capacitors:**
Surface-mount components (SMD) scattered across the PCB to filter out electrical noise and provide stable voltage to the high-speed DRAM chips.
5. **Thermal Sensor:**
Integrated within the SPD or as a standalone component, it monitors the temperature of the module to prevent overheating by triggering thermal throttling if necessary.
---
### ## Use Case and Compatibility
Because this is **ECC Registered** memory, it is **not compatible** with standard consumer motherboards (e.g., Intel Core i5/i7/i9 or AMD Ryzen non-Pro). It is designed for:
* **Intel Xeon** Scalable Processors.
* **AMD EPYC** Processors.
* Enterprise Servers (Dell PowerEdge, HP ProLiant, etc.).
- ⤷What is the difference between 2Rx4 and 2Rx8 rank configurations?
- ⤷ Can I use M7R32FBJ-R in a standard gaming PC?
- ⤷ How does the Registered Clock Driver (RCD) improve server stability?