전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M7R35FDJ-R

  • AI
    The **M7R35FDJ-R** is a high-performance, automotive-grade N-Channel Power MOSFET typically manufactured by **Renesas Electronics**. It is designed for high-current switching applications, particularly in automotive systems like power steering, motor control, and battery protection. --- ### 1. Key Technical Specifications The part belongs to the **AN30 series** of MOSFETs, utilizing advanced Trench technology to achieve low on-resistance ($R_{DS(on)}$). | Parameter | Specification (Typical) | | :--- | :--- | | **Type** | N-Channel MOSFET | | **Drain-Source Voltage ($V_{DSS}$)** | 35V | | **Drain Current ($I_D$)** | Up to 150A (Package limited) | | **On-Resistance ($R_{DS(on)}$)** | ~0.7mΩ to 1.1mΩ | | **Gate-Source Voltage ($V_{GSS}$)** | ±20V | | **Package Type** | HPAK (Surface Mount) | | **Operating Temperature** | up to 175°C | --- ### 2. Physical and Electrical Characteristics #### Package Design (HPAK) The **HPAK** package is a high-power surface-mount package similar to D2PAK but optimized for better thermal dissipation. This allows the MOSFET to handle high current densities without overheating, provided there is adequate PCB heatsinking. #### Low $R_{DS(on)}$ One of the most critical aspects of this part is its extremely low resistance when fully "on." At approximately **0.7mΩ to 1.1mΩ**, it minimizes conduction losses, making it highly efficient for high-load applications where heat management is a priority. #### Robustness * **Avalanche Rated:** It is designed to handle energy spikes (UIS - Unclamped Inductive Switching) common in automotive environments. * **Gate Logic:** It is usually a standard gate drive MOSFET, requiring around 10V at the gate to achieve the lowest possible $R_{DS(on)}$. --- ### 3. Common Applications Due to its high current capacity and reliability, it is found in the following electronic modules: 1. **EPS (Electric Power Steering):** Controlling the high-current motors that assist steering. 2. **DC/DC Converters:** High-frequency switching for voltage regulation in hybrid/electric vehicles. 3. **Load Switches:** Acting as a solid-state relay to turn heavy electrical loads on and off. 4. **Battery Management Systems (BMS):** Providing protection against over-current by disconnecting the battery string. --- ### 4. Circuit Example Below is a simplified representation of how this N-Channel MOSFET is triggered in a switching circuit: ```cpp // Schematic Logic Representation [Gate Drive Signal] ----> [Gate Resistor] ----> (Gate Pin) | [VCC / Load] -------------------------------- (Drain Pin) | [Internal Channel] | [Ground / Return] --------------------------- (Source Pin) ``` ---
    ✨ Follow-up Questions
    • ⤷What are the thermal management requirements for the HPAK package?
    • ⤷ Is there a direct equivalent or substitute for the M7R35FDJ-R?
    • ⤷ What is the typical gate charge (Qg) for this MOSFET?