전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M7R35TAJ-R

  • AI
    The **M7R35TAJ-R** is a specific part number typically associated with **Flash Memory** components, specifically within the **Managed NAND (eMMC)** category. These parts are commonly used in embedded systems, automotive infotainment, and mobile devices. --- ## 1. Component Overview The M7R35TAJ-R belongs to a family of high-density storage solutions. While exact internal specifications can vary by manufacturer (often associated with **Micron** or **ISSI** branding structures), the nomenclature follows a standard architecture for embedded storage. ### Key Specifications (Typical) | Feature | Description | | :--- | :--- | | **Technology** | eMMC (embedded MultiMediaCard) | | **Memory Type** | NAND Flash (MLC or TLC) | | **Interface** | HS400 / HS200 (JEDEC e.MMC 5.x) | | **Voltage Supply** | 1.8V (Vccq) / 3.3V (Vcc) | | **Package Type** | FBGA (Fine-pitch Ball Grid Array) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ## 2. Technical Architecture The "Electronic Parts" within this single BGA chip consist of three main integrated layers: ### A. The NAND Flash Die This is the physical storage layer where data is kept. In the M7R35TAJ-R, this is usually organized into pages and blocks. Because it is "Managed NAND," the raw flash is shielded from the host processor. ### B. The Integrated Controller The chip contains a built-in logic controller that handles the complexities of flash memory, including: * **Error Correction Code (ECC):** Automatically fixes bit-flips. * **Wear Leveling:** Distributes write/erase cycles across the chip to extend lifespan. * **Bad Block Management:** Maps out failing sectors. ### C. The Interface Logic This part manages the communication with the CPU/SoC via the eMMC protocol. It allows the system to treat the chip like a standard hard drive or SD card rather than dealing with raw NAND commands. --- ## 3. Common Pin Configuration (FBGA153) Most parts in this series use the **153-ball BGA** layout. Key pins include: | Pin Group | Function | | :--- | :--- | | **DAT[0-7]** | 8-bit Data bus for high-speed transfers. | | **CMD** | Command line for signaling. | | **CLK** | Clock signal for synchronization. | | **VCC/VCCQ** | Power supply for the core and I/O. | | **RST#** | Hardware reset pin. | --- ## 4. Typical Applications * **Automotive:** Dashboards, GPS navigation systems, and black-box recorders. * **Industrial:** Human-Machine Interfaces (HMI) and PLC logging. * **Consumer:** Smart TVs, set-top boxes, and high-end IoT gateways.
    ✨ Follow-up Questions
    • ⤷ What is the storage capacity of the M7R35TAJ-R specifically?
    • ⤷ How does eMMC memory differ from standard SD cards in industrial applications?
    • ⤷ What are the recommended soldering temperature profiles for this FBGA package?