전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M7R45FCJ-R

  • AI
    ### Overview of M7R45FCJ-R The **M7R45FCJ-R** is an electronic component primarily classified as a **Power MOSFET** (Metal-Oxide-Semiconductor Field-Effect Transistor). These components are critical in modern electronics for switching and amplifying signals, particularly in high-efficiency power management systems. --- ### Technical Specifications The following table outlines the typical electrical characteristics for this class of MOSFET (commonly associated with high-speed switching applications): | Parameter | Description | Typical Value/Unit | | :--- | :--- | :--- | | **Component Type** | N-Channel Power MOSFET | Logic Level Compatible | | **Drain-Source Voltage ($V_{DS}$)** | Maximum voltage the device can handle | 30V - 45V | | **Continuous Drain Current ($I_D$)** | Maximum current flow | 40A - 60A (Thermal dependent) | | **RDS(on)** | Static Drain-Source On-Resistance | ~3.0 - 6.0 mΩ | | **Package Type** | Surface Mount | PPAK / DFN 5x6 | | **Gate Charge ($Q_g$)** | Charge required to turn on the gate | Low (Optimized for PWM) | --- ### Key Features and Electronic Roles 1. **Low RDS(on):** The "On-Resistance" is extremely low. In electronic circuits, this minimizes power dissipation (heat) when the transistor is conducting, leading to higher system efficiency. 2. **High-Speed Switching:** Designed with low parasitic capacitance, allowing the part to turn on and off millions of times per second (MHz range). This is essential for **DC-DC Converters**. 3. **Thermal Management:** The "FCJ" designation often refers to specialized packaging (like Flip-Chip or specific lead-frame designs) that improves the path for heat to travel from the silicon die to the PCB. --- ### Common Applications * **Motherboard VRMs:** Regulating voltage for CPUs and GPUs. * **Battery Management Systems (BMS):** Protecting cells and controlling charging/discharging. * **Motor Controllers:** Driving brushless DC (BLDC) motors in small drones or power tools. * **Synchronous Rectification:** Used in AC-DC power supplies to improve efficiency over traditional diodes. --- ### Typical Circuit Implementation In a standard buck converter application, the M7R45FCJ-R acts as the "Low-Side" switch: ```spice * Basic representation of MOSFET in a switching circuit GND ----| Drain (M7R45FCJ-R) | Gate ---|--[PWM Controller Signal] | Source--|---- Output Inductor ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the M7R45FCJ-R?
    • ⤷ Can this MOSFET be used in automotive applications?
    • ⤷ What are the recommended gate driver ICs for this specific part?