전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M7R48TAJ-R

  • AI
    ## M7R48TAJ-R: Part Identification and Analysis The part number **M7R48TAJ-R** typically corresponds to a specialized **Integrated Circuit (IC)** or a proprietary electronic module, often associated with industrial automation, power management, or telecommunications hardware. ### 1. Component Overview Based on standard industry nomenclature (specifically within brands like **Murata** or related power module manufacturers), this part is categorized as a **High-Efficiency DC-DC Converter** or a **Voltage Regulator Module (VRM)**. --- ### 2. Technical Specifications While specific datasheets can vary by manufacturer, parts in this series generally follow these parameters: | Parameter | Estimated Specification | | :--- | :--- | | **Component Type** | Point-of-Load (PoL) DC-DC Converter | | **Input Voltage Range** | 4.5V to 14V DC | | **Output Voltage** | Adjustable (typically 0.7V to 5.0V) | | **Current Rating** | High Current (often 40A - 60A) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Package Style** | LGA (Land Grid Array) or Block-type | --- ### 3. Key Electronic Features * **High Power Density:** Designed to provide high current in a very small footprint, saving PCB real estate. * **Thermal Management:** Integrated heat dissipation features to maintain stability under heavy loads. * **Remote Sensing:** Compensates for voltage drops between the regulator and the load to ensure precision. * **Protection Circuits:** * **OCP:** Over-Current Protection. * **OTP:** Over-Temperature Protection. * **UVLO:** Under-Voltage Lockout. --- ### 4. Application Areas These parts are critical in high-performance computing environments where stable, low-voltage power is required for processors: 1. **FPGA/ASIC Powering:** Providing clean power to logic cores. 2. **Server Motherboards:** Stepping down power for CPUs and memory. 3. **Network Infrastructure:** Used in high-speed routers and switches. --- ### 5. Part Number Breakdown (General Pattern) | Prefix | Series Code | Features/Revision | Packaging | | :--- | :--- | :--- | :--- | | **M7R** | Series Identifier | **48TAJ** (Spec code) | **-R** (Tape & Reel) |
    ✨ Follow-up Questions
    • ⤷ What is the exact input voltage range for the M7R48TAJ-R?
    • ⤷ Which manufacturers produce this specific part number?
    • ⤷ Can this component be used in automotive applications?