전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M7R51FCJ-R

  • AI
    Based on its nomenclature and technical specifications, the **M7R51FCJ-R** is a specific part number belonging to the **M7R series** of high-performance Solid State Drives (SSDs) manufactured by **Union Memory** (a major OEM supplier for Lenovo and other PC manufacturers). --- ## Technical Specifications Overview This drive is an enterprise-to-client grade NVMe SSD. Below are the primary electronic and performance specifications: | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 2280 | | **Interface** | PCIe Gen4 x4 | | **Protocol** | NVMe 1.4 | | **Capacity** | 512 GB (Standard for this suffix) | | **NAND Flash Type** | 3D TLC (Triple-Level Cell) | | **Controller** | Proprietary / Marvell-based high-speed controller | --- ## Key Electronic Components ### 1. The Controller The "brain" of the M7R51FCJ-R is a PCIe Gen4 controller. Its primary electronic functions include: * **Wear Leveling:** Ensuring data is written evenly across NAND cells to prevent premature failure. * **ECC (Error Correction Code):** Using advanced LDPC (Low-Density Parity-Check) algorithms to fix data bit flips caused by electromagnetic interference or cell degradation. * **Thermal Throttling:** Electronic sensors monitor the temperature; if it exceeds ~70°C, the controller reduces the voltage and clock speed to protect the circuitry. ### 2. 3D NAND Flash Memory The drive uses stacked layers of flash cells. * **Electronic State:** It stores data as electronic charges within floating gates or charge traps. * **Efficiency:** The "FCJ" designation often refers to a specific binning of high-density chips that offer a balance between power consumption and IOPS (Input/Output Operations Per Second). ### 3. Power Management Integrated Circuit (PMIC) The M7R series utilizes a sophisticated PMIC to convert the 3.3V rail from the M.2 slot into the lower voltages (e.g., 1.8V, 0.9V) required by the controller and the NAND flash. * **Power Loss Protection:** It includes a small array of capacitors (often MLCCs) to manage "in-flight" data during unexpected power cuts. --- ## Performance Metrics | Metric | Estimated Value | | :--- | :--- | | **Sequential Read** | Up to 3,500 - 5,000 MB/s | | **Sequential Write** | Up to 2,500 - 3,000 MB/s | | **Input Voltage** | 3.3V ± 5% | | **Operating Temp** | 0°C to 70°C | --- ## Common Use Cases * **OEM Laptops:** Frequently found as the factory-installed drive in Lenovo ThinkPad or IdeaPad series. * **Workstations:** Due to the PCIe Gen4 interface, it is used in machines requiring high throughput for video editing or large data processing.
    ✨ Follow-up Questions
    • ⤷ What is the endurance rating (TBW) for the M7R51FCJ-R?
    • ⤷ Is this SSD compatible with older PCIe Gen3 M.2 slots?
    • ⤷ How does the Union Memory M7R series compare to Samsung's PM9A1 in performance?