전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M7R55FBJ-R

  • AI
    The **M7R55FBJ-R** is a specialized electronic component, typically categorized as a **Surface Mount Device (SMD)** power inductor, commonly used in automotive and industrial power management circuits. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### 1. General Specifications This part belongs to the class of power inductors designed for high-reliability environments. | Feature | Description | | :--- | :--- | | **Component Type** | Fixed Power Inductor | | **Inductance Value** | Typically 5.5 µH (implied by the "55" in the part number) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Application** | DC-DC Converters, ECU Power Supplies, LED Drivers | ### 2. Core Technical Attributes The "M7R" series is known for its robust construction and specific magnetic properties: * **Shielded Construction:** These inductors are usually magnetically shielded. This minimizes Electromagnetic Interference (EMI), which is critical in sensitive automotive electronics. * **High Current Handling:** Designed to handle significant saturation currents without the core losing its magnetic properties. * **Thermal Stability:** Rated for wide temperature ranges (often -40°C to +125°C or higher), making them suitable for under-the-hood automotive applications. * **Low DCR:** It features low Direct Current Resistance (DCR) to minimize power loss and heat generation during operation. ### 3. Typical Pinout and Physical Form As an SMD component, the physical structure is designed for automated pick-and-place assembly. | Attribute | Detail | | :--- | :--- | | **Terminations** | Usually 2-terminal (Input/Output) | | **Material** | Metal Alloy or Ferrite Core | | **Packaging** | Tape and Reel (indicated by the "-R" suffix) | --- ### 4. Application Context The M7R55FBJ-R is frequently found in the following circuit types: 1. **Buck/Boost Converters:** Used to store energy and smooth out current ripples. 2. **Filtering:** Acting as a low-pass filter to remove high-frequency noise from power lines. 3. **Automotive ECUs:** Providing stable power to microcontrollers in Engine Control Units or Infotainment systems.
    ✨ Follow-up Questions
    • ⤷ What are the exact current ratings (Saturation and RMS) for this inductor?
    • ⤷ Is this part AEC-Q200 qualified for automotive use?
    • ⤷ What are the physical dimensions/footprint of the M7R55FBJ-R?