전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M7R55FCJ-R

  • AI
    The **M7R55FCJ-R** is an electronic component primarily classified as a **Relay**, specifically a High-Voltage / High-Current Power Relay often used in automotive or industrial applications. Below is a detailed breakdown of its electronic parts and specifications. --- ### 1. Technical Specifications The following table outlines the typical electrical characteristics for this type of component: | Feature | Description | | :--- | :--- | | **Component Type** | Power Relay (DC) | | **Contact Arrangement** | 1 Form A (SPST-NO) | | **Rated Load** | High Voltage DC (HVDC) | | **Nominal Voltage** | 12V DC (Coil) | | **Current Rating** | High Current (Specific to application, typically 10A-40A range) | | **Construction** | Sealed / Flux-tight | --- ### 2. Internal Electronic Structure The relay consists of four primary internal sections that work together to switch electrical loads: * **The Coil (Input Side):** A copper wire wound around a core. When energized with 12V DC, it creates a magnetic field. * **The Armature:** A ferromagnetic moving part that is pulled by the magnetic field toward the core. * **The Contacts (Output Side):** Made of silver alloy (e.g., AgSnO2) to resist welding and arcing. When the armature moves, these contacts touch, closing the high-power circuit. * **The Spring Mechanism:** Ensures that when the power is removed from the coil, the armature returns to its original position, breaking the circuit. --- ### 3. Common Applications Due to its robust design, the M7R55FCJ-R is frequently found in: 1. **Automotive Systems:** Fuel pump controls, cooling fans, and headlight assemblies. 2. **HVAC Systems:** Controlling compressors or blower motors. 3. **Industrial Automation:** Activating solenoids or small motors via a PLC. --- ### 4. Schematic Representation In a circuit diagram, the part is represented as follows: ```text (Coil) (Switch) [ + ] / | / (Common) |=====| o | | | |=====| o (NO - Normally Open) | [ - ] ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching voltage for the M7R55FCJ-R?
    • ⤷ Can this relay be used for AC current applications?
    • ⤷ What are the pin dimensions for PCB mounting?