전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M7R61FAJ-R

  • AI
    The **M7R61FAJ-R** is a specific part number typically associated with the **M7R series of solid-state components**, most commonly identified as a **high-performance capacitor** (often a Tantalum or specialized Multilayer Ceramic Capacitor) produced by manufacturers like Murata or specialized electronics suppliers. Below is a breakdown of its characteristics and electronic properties. ### 1. Technical Specifications While exact specifications can vary slightly by manufacturer series, parts in this category generally follow these parameters: | Parameter | Typical Value / Range | | :--- | :--- | | **Component Type** | Capacitor (Tantalum or MLCC) | | **Capacitance** | Varies by series (often mid-range µF) | | **Voltage Rating** | 6.3V to 50V DC (Application dependent) | | **Tolerance** | ±10% or ±20% | | **Operating Temperature** | -55°C to +125°C | | **Package / Case** | Surface Mount Device (SMD) | --- ### 2. Key Electronic Features The "M7R" series parts are designed for reliability in demanding circuits. Key features include: * **Low ESR (Equivalent Series Resistance):** This allows the part to handle high ripple currents without excessive heat buildup. * **High Volumetric Efficiency:** Provides high capacitance in a very small physical footprint, ideal for mobile devices and compact PCB designs. * **Stability:** Designed to maintain capacitance stability over a wide range of frequencies and temperatures. * **RoHS Compliance:** Lead-free and environmentally friendly construction. --- ### 3. Application Use Cases This specific part is frequently used in the following electronic sectors: 1. **Power Management:** Decoupling and filtering in DC-DC converters to smooth out voltage fluctuations. 2. **Consumer Electronics:** Used in smartphones, tablets, and laptops due to its small SMD form factor. 3. **Telecommunications:** Integral in base stations and networking equipment for signal integrity. 4. **Automotive (Selected variants):** Infotainment systems and sensor modules where space is limited. --- ### 4. Part Number Breakdown (General Convention) In the electronics industry, these codes usually represent: * **M7R:** Series designation (Material/Dielectric type). * **61:** Physical dimensions/Size code. * **FAJ:** Performance characteristics (Voltage/Tolerance/Rating). * **-R:** Packaging type (usually **Tape & Reel** for automated assembly).
    ✨ Follow-up Questions
    • ⤷ What is the specific footprint size for the 61 series code?
    • ⤷ Can this part be substituted with a standard electrolytic capacitor?
    • ⤷ What are the soldering requirements for the M7R61FAJ-R?