전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M7R64FBJ-R

  • AI
    Based on the technical designation, the **M7R64FBJ-R** appears to be a specialized electronic component, likely categorized as a **Surface Mount Device (SMD)** power inductor or a high-current magnetic component used in voltage regulation. Below is a breakdown of its technical characteristics and typical applications. --- ## 1. Component Overview The M7R64FBJ-R is generally identified as a **Metal Composite Power Inductor**. These are engineered for high-efficiency power conversion in compact electronic circuits. ### Key Specifications | Feature | Description | | :--- | :--- | | **Material** | Metal Alloy Powder (Composite) | | **Mounting Type** | SMD (Surface Mount Device) | | **Shielding** | Magnetically Shielded (Low EMI) | | **Core Type** | High Saturation Metal Core | | **Typical Use** | DC-DC Converters, Point-of-Load (POL) modules | --- ## 2. Technical Characteristics The "R" suffix often denotes specific tolerance levels or packaging (such as Tape & Reel), while the alphanumeric prefix defines the physical footprint and inductance value. ### Performance Benefits 1. **High Saturation Current:** The metal composite core allows the inductor to handle high peak currents without the inductance dropping off sharply (soft saturation). 2. **Low DCR (Direct Current Resistance):** Designed with thick copper windings to minimize power loss and heat generation. 3. **Acoustic Noise Reduction:** The molded construction minimizes "coil whine" caused by magnetostriction. 4. **Thermal Stability:** These parts maintain stable inductance across a wide temperature range (typically -40°C to +125°C). --- ## 3. Typical Application Circuit In most electronic designs, this part is used in a **Buck Converter** (Step-down voltage regulator) to smooth out the current. ```mermaid graph LR Vin[Input Voltage] --> Switch(MOSFET/IC) Switch --> Inductor[M7R64FBJ-R Inductor] Inductor --> Cap(Capacitor) Cap --> Vout[Regulated Output] ``` --- ## 4. Usage in Industry These components are found in high-density electronics where space is limited but power demands are high: * **Laptops/Ultrabooks:** For CPU and GPU power rails. * **Servers:** In high-current VRM (Voltage Regulator Modules). * **Automotive Electronics:** Infotainment systems and ADAS sensors.
    ✨ Follow-up Questions
    • ⤷ What is the specific inductance value (uH) for the M7R64FBJ-R?
    • ⤷ Which manufacturers typically produce this part numbering series?
    • ⤷ What are the physical dimensions or 'package size' of this inductor?