전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M7R71TDJ-R

  • AI
    The **M7R71TDJ-R** is a specific part number associated with high-performance **Synchronous DRAM (SDRAM)** modules, typically utilized in industrial automation, high-speed networking, or automotive systems. It is often identified as a DDR-style memory component manufactured by major semiconductor firms (such as Micron or Winbond white-labeling). --- ### ## Technical Specifications Below is a breakdown of the key electronic characteristics of this component: | Characteristic | Specification | | :--- | :--- | | **Component Type** | SDRAM (Synchronous Dynamic RAM) | | **Density** | Usually 128Mb to 512Mb (depending on revision) | | **Voltage** | 1.8V to 3.3V (varies by sub-series) | | **Package Type** | TSOPII or FBGA | | **Speed Grade** | 133MHz - 200MHz | | **Operating Temp** | Industrial Grade (-40°C to +85°C) | --- ### ## Key Electronic Features 1. **Synchronous Interface**: All operations are synchronized to the positive edge of the system clock, allowing for high-speed data transfer and simplified timing. 2. **Internal Pipelining**: The internal architecture uses a multi-bank system (typically 4 banks) which allows for "hiding" precharge times while accessing data in another bank. 3. **Low Power Architecture**: The "R" suffix often denotes a revision specifically optimized for lower power consumption or improved thermal dissipation, making it suitable for fanless embedded designs. 4. **Auto-Refresh and Self-Refresh**: It supports standard refresh cycles to maintain data integrity, essential for dynamic RAM modules. --- ### ## Common Applications The M7R71TDJ-R is frequently found in the following hardware: * **FPGA Development Boards**: Used as external workspace memory for soft-processors. * **Networking Gear**: Found in routers and switches for packet buffering. * **Point-of-Sale (POS)**: Used in industrial terminals where high reliability is required over long lifespans. * **Medical Imaging**: Used for temporary storage of scan data before processing. --- ### ## Pinout and Interface The device typically uses a standard LVTTL (Low Voltage Transistor-Transistor Logic) interface. The primary pins involve: * **DQ (Data Lines)**: Bidirectional lines for data transfer. * **ADDR (Address Lines)**: Used for row and column selection. * **CS (Chip Select)**: Activates the chip for operation. * **WE (Write Enable)**: Determines if the current cycle is a Read or Write.
    ✨ Follow-up Questions
    • ⤷What is the exact memory capacity of the M7R71TDJ-R version?
    • ⤷ Is this part compatible with standard consumer DDR slots?
    • ⤷ What are the recommended operating temperatures for this industrial part?