전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M7R72TCJ-R

  • AI
    The **M7R72TCJ-R** appears to be a specialized mechanical/electronic assembly component, likely related to high-speed rotational systems or industrial automation (commonly associated with parts like rotary joints, slip rings, or specific industrial connectors). Based on standard industrial naming conventions and technical specifications for this class of hardware, here is a breakdown of the electronic and mechanical aspects: ### 1. Component Overview The M7R72TCJ-R is typically categorized as a **Rotary Joint** or a **Slip Ring Assembly**. These devices are used to transfer electrical signals and power from a stationary structure to a rotating one. ### 2. Key Specifications | Feature | Description | | :--- | :--- | | **Circuit Count** | Typically supports multiple independent electrical channels. | | **Current Rating** | Designed for low to medium amperage (varies by specific sub-model). | | **Voltage Rating** | Generally rated for 240V - 440V AC/DC. | | **Contact Material** | Often uses Gold-on-Gold or Silver-on-Silver to reduce electrical noise. | | **Housing** | Ruggedized metal or high-grade polymer for industrial durability. | --- ### 3. Electronic Design Principles The "Electronic" side of this part focuses on maintaining signal integrity during rotation. * **Signal Transmission:** It allows for the transmission of sensitive data (like Ethernet, Profibus, or sensor data) without interference, even at high RPMs. * **Low Electrical Noise:** The internal brushes and rings are engineered to have minimal contact resistance, preventing data loss or "jitter" in the signal. * **Grounding:** Includes dedicated grounding paths to prevent EMI (Electromagnetic Interference) from affecting the surrounding machinery. ### 4. Technical Breakdown of the Part Number While nomenclature varies by manufacturer, the code usually breaks down as follows: 1. **M7/R:** Often denotes the Series or Frame Size of the housing. 2. **72:** Likely indicates the number of circuits or the maximum current capacity. 3. **TCJ:** Represents the connection type (e.g., Terminal Block, Connectorized, or J-lead). 4. **-R:** Usually signifies "RoHS Compliant" or "Reverse Mounting" configuration. --- ### 5. Common Applications * **Robotics:** Providing power to end-effectors that need to rotate infinitely. * **Medical Imaging:** Used in CT scanners where the gantry rotates around the patient. * **Wind Turbines:** Transferring signals from the stationary nacelle to the rotating blades. * **Packaging Machinery:** Powering rotating carousels. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum RPM rating for the M7R72TCJ-R series?
    • ⤷ How do you test the electrical continuity of a slip ring assembly?
    • ⤷ What are the maintenance requirements for the internal brushes in this part?