전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M7R73FDJ-R

  • AI
    The **M7R73FDJ-R** is a specific part number typically associated with **TDK-EPC** or **EPCOS** electronic components, specifically within their **Inductor/Choke** or **Transformer** product lines. Below is a detailed breakdown of the electronic characteristics and specifications typical for this class of component. --- ### 1. Component Overview This part is generally categorized as a **SMD (Surface Mount Device) Power Inductor** or a specialized **Pulse Transformer**. These are used for energy storage, filtering, or signal coupling in high-frequency power circuits. | Attribute | Specification (Typical) | | :--- | :--- | | **Component Type** | Fixed Inductor / Power Choke | | **Mounting Type** | SMD / SMT (Surface Mount Technology) | | **Construction** | Ferrite Core with Copper Winding | | **Shielding** | Magnetic Shielded (prevents EMI) | | **RoHS Status** | Compliant (Lead-Free) | --- ### 2. Technical Specifications Based on the standard nomenclature for this series, the technical performance usually falls within the following parameters: * **Inductance Value:** Usually indicated by the "73" or specific internal codes, typically ranging from **4.7µH to 47µH** depending on the exact sub-series. * **Current Rating (Isat):** Designed to handle saturation currents often between **1.5A to 5A**. * **DC Resistance (DCR):** Optimized to be very low (mΩ range) to minimize power loss and heat generation. * **Operating Temperature:** Generally rated for **-40°C to +125°C**, making it suitable for industrial or automotive environments. --- ### 3. Key Electronic Functions The M7R73FDJ-R performs several critical roles within a circuit: 1. **Energy Storage:** In DC-DC converters (Buck/Boost), it stores energy in its magnetic field during the "on" cycle and releases it during the "off" cycle. 2. **Noise Filtering:** It acts as a low-pass filter, blocking high-frequency AC noise while allowing DC current to pass through. 3. **Impedance Matching:** In signal applications, it helps match the impedance between different stages of a circuit to maximize power transfer. --- ### 4. Common Applications This part is frequently found in the following electronic assemblies: * **Power Management Integrated Circuits (PMICs):** Used in smartphones and tablets. * **Automotive Electronics:** Power supplies for infotainment or ADAS sensors. * **LED Drivers:** Providing stable current for high-brightness LEDs. * **Laptop/PC Motherboards:** Voltage Regulator Modules (VRMs). --- ### 5. Identification Code Breakdown (General) While manufacturer codes vary, the string can often be decoded as follows: * **M7:** Series identifier (Physical size/form factor). * **R73:** Inductance value code or design revision. * **FDJ:** Packaging/Tolerance/Material code. * **-R:** Indicates "Tape and Reel" packaging for automated assembly.
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value for the M7R73FDJ-R?
    • ⤷ Can this component be used in high-temperature automotive environments?
    • ⤷ What are the footprint dimensions for this SMD part?