M7R76TDJ-R
AI

Based on the part number **M7R76TDJ-R**, this component is a high-performance **TVS (Transient Voltage Suppressor) Diode Array** or an **ESD Protection Device**, commonly manufactured by companies like **MSV (Micro Commercial Components)** or similar power management component vendors.
Below is a detailed breakdown of its electronic characteristics and technical specifications.
---
## 1. Device Overview
The M7R76TDJ-R is designed to protect sensitive electronic circuits from high-voltage transients, such as **Electrostatic Discharge (ESD)** and **Lightning Surges**. It is typically used in high-speed data lines.
### Key Specifications
| Parameter | Value (Typical) |
| :--- | :--- |
| **Peak Pulse Power ($P_{pk}$)** | 350W - 500W (8/20µs waveform) |
| **Working Voltage ($V_{RWM}$)** | 5.0V |
| **Breakdown Voltage ($V_{BR}$)** | 6.0V (Minimum) |
| **Clamping Voltage ($V_C$)** | ~9.8V to 12V |
| **Package Type** | DFN or SOT (Surface Mount) |
| **Configuration** | Bidirectional or Unidirectional (depends on suffix) |
---
## 2. Pin Configuration and Internal Logic
These devices usually feature a multi-channel setup to protect several lines simultaneously.
### Internal Schematic
The internal structure typically consists of a **Zener-style diode** network.
```text
(I/O 1) ----|<|---- (GND)
(I/O 2) ----|<|---- (GND)
```
* **Cathode/Anode:** Connected between the signal line and ground.
* **Avalanche Breakdown:** When voltage exceeds the threshold, the diode becomes conductive, shunting the excess current to ground.
---
## 3. Applications
The M7R76TDJ-R is frequently integrated into the following systems:
1. **USB 2.0/3.0 Ports:** Protecting data pins from static shocks during cable insertion.
2. **HDMI/DisplayPort:** Maintaining signal integrity while providing robust protection.
3. **Mobile Handsets:** Protecting internal circuitry from ESD generated by user contact.
4. **Industrial Controls:** Safeguarding RS-485 or CAN bus interfaces.
---
## 4. Key Electronic Features
* **Low Capacitance:** Designed to have minimal impact on high-speed signals (usually < 1pF for data-centric versions).
* **Fast Response Time:** Responds to voltage spikes in less than 1 nanosecond ($<1ns$).
* **Low Leakage Current:** Ensures minimal power consumption when the circuit is operating normally ($I_R < 1\mu A$).
---
## 5. Comparison: TVS vs. Standard Zener
| Feature | TVS Diode (M7R76TDJ-R) | Standard Zener Diode |
| :--- | :--- | :--- |
| **Primary Function** | Transient Protection | Voltage Regulation |
| **Response Speed** | Extremely Fast | Slow |
| **Power Handling** | High Peak Pulse Power | Low Peak Power |
| **Capacitance** | Optimized for Signal Integrity | Generally Higher |
---
- ⤷
What is the maximum peak pulse current for the M7R76TDJ-R?
- ⤷ How does its capacitance affect high-speed data transmission?
- ⤷ What are the recommended soldering footprints for the DFN package?