전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M7R78FCJ-R

  • AI
    The part number **M7R78FCJ-R** refers to a specific series of high-performance magnetic components, typically associated with **TDK** or similar power electronics manufacturers. This part is commonly used as a **Power Inductor** or a **Choke**, primarily found in automotive and high-reliability industrial applications. --- ### 1. General Specifications While specific datasheets are often proprietary to OEM suppliers, parts in this series generally follow these specifications: | Feature | Description | | :--- | :--- | | **Component Type** | Power Inductor / SMD Shielded Choke | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Construction** | Ferrite Core with Metal Shielding | | **Application** | DC-DC Converters, Automotive ECU, Infotainment | | **RoHS Status** | Compliant (Lead-Free) | --- ### 2. Key Electronic Functions These parts are designed to handle high current and provide noise suppression. Their primary roles include: 1. **Energy Storage:** In switching regulators (DC-DC converters), the inductor stores energy in its magnetic field during the "on" cycle and releases it during the "off" cycle. 2. **Filtering:** It acts as a low-pass filter, smoothing out high-frequency ripple current and protecting sensitive downstream components from electrical noise. 3. **EMI Suppression:** The "FCJ" series often indicates a shielded design, which minimizes Electromagnetic Interference (EMI) to surrounding circuits. --- ### 3. Part Number Breakdown (Typical) While nomenclature varies by manufacturer, the code usually breaks down as follows: * **M7:** Often denotes the series or frame size (Physical dimensions). * **R78:** Typically represents the **Inductance Value**. For example, 78 might refer to 0.78µH or 7.8µH depending on the multiplier code. * **FCJ:** Refers to the internal construction material (Ferrite core type) and the tolerance class. * **-R:** Indicates that the part is supplied on a **Tape & Reel** for automated assembly. --- ### 4. Technical Characteristics ```yaml Electrical_Properties: Saturation_Current: High (Designed to prevent core saturation at peak loads) DC_Resistance: Low (To minimize power loss and heat generation) Operating_Temperature: -40°C to +125°C or +150°C (Automotive grade) Shielding: Magnetic shielding to prevent flux leakage ``` --- ### 5. Application Areas * **Automotive:** LED Headlights, ADAS modules, and Engine Control Units. * **Industrial:** High-efficiency power supplies and PLC controllers. * **Consumer:** High-end laptops and servers requiring stable voltage regulation modules (VRMs).
    ✨ Follow-up Questions
    • ⤷What is the exact inductance value of the R78 code?
    • ⤷ What are the physical dimensions of the M7 frame size?
    • ⤷ Is this part AEC-Q200 qualified for automotive use?