M7S12TCJ-R
AI

The **M7S12TCJ-R** is an electronic component manufactured by **TXC Corporation**. It belongs to the category of **Quartz Crystal Oscillators**, specifically designed for high-precision timing in compact electronic devices.
---
## 1. Technical Specifications
Below are the primary technical parameters for the M7S series (specifically the 12TCJ-R variant):
| Feature | Specification |
| :--- | :--- |
| **Component Type** | CMOS Output Crystal Oscillator |
| **Package Size** | 7.0 x 5.0 x 1.3 mm (SMD) |
| **Supply Voltage (Vdd)** | 3.3V (Typical) |
| **Frequency Range** | 1 MHz to 150 MHz (Specific to ordering) |
| **Output Type** | CMOS / TTL Compatible |
| **Frequency Stability** | ±25 ppm to ±50 ppm |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **RoHS Status** | Compliant (Lead-Free) |
---
## 2. Key Internal Components
The "M7S" designation refers to a specific architecture within TXC’s product line:
1. **AT-Cut Quartz Crystal:** The heart of the device, providing the fundamental resonant frequency.
2. **IC Oscillator (CMOS):** An integrated circuit that drives the crystal and provides the buffered output signal.
3. **Tri-state Function:** Includes an "Enable/Disable" pin (Pin 1), allowing the output to go into a high-impedance state to save power.
4. **Ceramic Package:** Uses a seam-sealed ceramic package to ensure hermetic protection against moisture and aging.
---
## 3. Pin Configuration (4-Pad SMD)
The device follows a standard industry footprint for 7050 (7x5mm) oscillators:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | OE or NC | Output Enable (High = Active, Low = High Impedance) |
| **2** | GND | Ground |
| **3** | Output | Frequency Signal Output |
| **4** | VDD | DC Power Supply |
---
## 4. Typical Applications
Due to its stability and standard 7050 footprint, the M7S12TCJ-R is commonly found in:
* **Networking:** Routers, Switches, and Hubs.
* **Computing:** Motherboards, Peripherals, and Storage systems.
* **Industrial:** Controllers and Automated Test Equipment (ATE).
* **Communications:** Fiber channel and Ethernet clocking.
---
## 5. Part Number Breakdown (Prefix Logic)
* **M7S:** TXC Series identifier for 7.0x5.0mm CMOS Oscillators.
* **12:** Often refers to a specific frequency code or internal revision (Frequency must be verified via the full datasheet).
* **TCJ-R:** Tape and Reel packaging code with specific stability and temperature grading.
- ⤷
What is the exact frequency assigned to the '12' code in this part number?
- ⤷ How does the 'Tri-state' function impact power consumption in mobile devices?
- ⤷ What are the recommended soldering profile settings for this SMD package?