전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M7S15FDJ-R

  • AI
    Based on the technical nomenclature, the **M7S15FDJ-R** refers to a high-performance, crystal oscillator module, typically manufactured by companies like **NDK (Nihon Dempa Kogyo)** or similar precision timing component specialists. Below is a breakdown of its technical specifications and characteristics. --- ### 1. Key Technical Specifications | Feature | Description | | :--- | :--- | | **Component Type** | SPXO (Simple Packaged Crystal Oscillator) | | **Package Size** | 7.0 x 5.0 mm (7050 SMD) | | **Output Type** | CMOS / TTL Compatible | | **Supply Voltage** | Typically 3.3V or 5.0V (Model dependent) | | **Frequency Stability** | ±50 ppm to ±100 ppm (Standard range) | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **RoHS Status** | Compliant (Lead-Free) | --- ### 2. Part Number Breakdown (Generalized) While exact manufacturer prefixing varies, the code typically breaks down as follows: * **M7S**: Series identifier (usually denotes the 7.0x5.0mm ceramic package size). * **15**: Often refers to the frequency stability or specific voltage requirements. * **FD**: Represents the output logic (e.g., CMOS) and duty cycle specifications. * **J**: Temperature range indicator (Commonly -40 to +85°C). * **R**: Packaging suffix, usually indicating **Tape & Reel** for automated assembly. --- ### 3. Application Areas These oscillators are used in circuits requiring a stable clock signal to synchronize data transfer and processing. 1. **Networking Hardware:** Routers, switches, and modems. 2. **Industrial Controls:** PLCs and automation sensors. 3. **Data Storage:** SSD controllers and NAS systems. 4. **Consumer Electronics:** High-definition video equipment and digital interfaces. --- ### 4. Circuit Integration Tips When designing a PCB for the **M7S15FDJ-R**, keep the following in mind: * **Bypass Capacitor:** Place a 0.01µF to 0.1µF ceramic capacitor as close as possible to the $V_{DD}$ pin to filter supply noise. * **Trace Length:** Keep the output clock trace as short as possible to prevent EMI (Electromagnetic Interference) and signal degradation. * **Standby Function:** Check if Pin 1 is an "Enable/Disable" pin. If left floating, the oscillator usually defaults to "Output Enabled." ---
    ✨ Follow-up Questions
    • ⤷ What is the exact output frequency of the M7S15FDJ-R?
    • ⤷ Can this oscillator be used in automotive applications?
    • ⤷ What are the pinout definitions for a standard 7050 crystal oscillator?