전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M7S22TCJ-R

  • AI
    The **M7S22TCJ-R** is a specific part number typically associated with **M7 Series** high-precision quartz crystal oscillators or clock modules, often manufactured by companies like **NDK (Nihon Dempa Kogyo)** or similar timing component specialists. Below is a breakdown of its electronic characteristics and technical specifications. --- ## 1. Core Technical Specifications This component is a Surface Mount Device (SMD) Crystal Oscillator designed for high-stability timing. | Parameter | Typical Value / Range | | :--- | :--- | | **Component Type** | SPXO (Simple Packaged Crystal Oscillator) | | **Frequency Range** | Typically 1 MHz to 80 MHz (Specific to exact suffix) | | **Supply Voltage (Vcc)** | 1.8V to 3.3V (Multi-voltage compatible) | | **Output Type** | CMOS / LVCMOS | | **Package Size** | 7.0 x 5.0 mm (standard 7050 footprint) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | | **Frequency Stability** | ±20ppm to ±50ppm | --- ## 2. Pin Configuration (4-Pad Layout) The device follows a standard industry layout for 7050 SMD oscillators: 1. **Pad 1: Standby / Enable-Disable (OE)** * High (or Open): Normal oscillation. * Low: Output goes to High Impedance (Tri-state) to save power. 2. **Pad 2: Ground (GND)** * Connected to the system common ground. 3. **Pad 3: Output** * The square wave signal (LVCMOS). 4. **Pad 4: Power Supply (Vcc)** * Input voltage for the internal IC and crystal drive. --- ## 3. Key Electronic Features ### A. Low Phase Jitter These parts are engineered to provide very "clean" signals with minimal timing noise, making them ideal for high-speed data transmission. ### B. Wide Voltage Operation The "TCJ" designation often refers to a specific internal IC architecture that allows the part to operate across various logic levels (1.8V, 2.5V, or 3.3V) without needing different part variants. ### C. Sealing Technology The "R" suffix usually denotes **RoHS Compliance** and high-reliability vacuum sealing (usually glass or metal seam welding) to prevent aging and frequency drift caused by environmental moisture. --- ## 4. Typical Applications * **Networking:** Routers, Switches, and Ethernet controllers. * **Computing:** Motherboards and peripheral timing. * **Industrial:** PLC controllers and sensor hubs. * **Audio/Video:** DACs (Digital to Analog Converters) requiring stable clocking. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency of the M7S22TCJ-R variant you are using?
    • ⤷ Do you need the specific solder land pattern (PCB footprint) dimensions for this part?
    • ⤷ Are you looking for a pin-to-pin compatible alternative from another manufacturer?