전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M7S34FDJ-R

  • AI
    The **M7S34FDJ-R** is a specific part number typically associated with **MagnaChip Semiconductor**. It is a Power MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor) designed for high-efficiency power management and switching applications. Below is a breakdown of its technical characteristics and internal electronic structure. --- ### 1. General Specifications Based on the standard naming conventions for the MagnaChip M7 series, the following parameters define this component: | Feature | Specification (Typical) | | :--- | :--- | | **Type** | N-Channel MOSFET | | **Configuration** | Single | | **Package Type** | DFN 3.3x3.3 (typically) | | **Drain-Source Voltage ($V_{DS}$)** | 30V - 40V | | **Gate-Source Voltage ($V_{GS}$)** | ±20V | | **Application** | DC-DC Converters, Battery Management, Load Switching | --- ### 2. Key Electronic Characteristics #### A. Power Switching Efficiency This part utilizes advanced Trench MOSFET technology. This reduces the **$R_{DS(on)}$** (Static Drain-Source On-Resistance), which minimizes power loss during the conduction phase. Lower resistance means the device generates less heat when turned on. #### B. Gate Charge ($Q_g$) The electronic design focuses on a low gate charge. This allows the MOSFET to switch between "ON" and "OFF" states very rapidly. In electronic circuits, this high-speed switching is critical for: * Reducing switching losses. * Improving performance in high-frequency PWM (Pulse Width Modulation) circuits. #### C. Thermal Management The "R" suffix and the physical housing (usually a flat lead DFN package) are designed for excellent thermal dissipation through a bottom-side exposed pad. This allows the electronic part to handle higher currents despite its small footprint. --- ### 3. Typical Pin Configuration Most parts in this series follow a standard DFN 3.3x3.3 pinout: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1, 2, 3 | **Source** | Source connection to the circuit | | 4 | **Gate** | Control terminal to trigger the switch | | 5, 6, 7, 8 | **Drain** | Main current output (usually connected to the thermal pad) | --- ### 4. Application Logic In a circuit, the **M7S34FDJ-R** acts as an electronically controlled switch. 1. **Input:** A small voltage applied to the **Gate**. 2. **Action:** The internal electric field allows a much larger current to flow from the **Drain** to the **Source**. 3. **Use Case:** Often found in laptop motherboards, smartphones, and point-of-load (POL) modules. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact maximum current (Id) rating for the M7S34FDJ-R?
    • ⤷ What are the common alternatives or equivalents for this MagnaChip MOSFET?
    • ⤷ How does the DFN 3.3x3.3 package compare to a SO-8 package in terms of heat dissipation?