전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M7S36FBJ-R

  • AI
    The **M7S36FBJ-R** is a specific surface-mount electronic component, typically categorized as a **Resistor Network** or a **Thick Film Chip Resistor Array**. These components are designed to save board space by integrating multiple resistors into a single package. --- ### Technical Specifications Below are the general characteristics typically associated with this part number series: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Thick Film Resistor Array | | **Circuit Type** | Isolated or Bussed (Model dependent) | | **Resistance Value** | Determined by internal marking (e.g., 36 ohms or custom) | | **Tolerance** | Usually ±1% or ±5% | | **Package Style** | Convex or Concave termination | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Operating Temperature** | -55°C to +125°C or +155°C | --- ### Key Internal Parts and Construction The device is composed of several layers and materials to ensure stability and electrical performance: 1. **Ceramic Substrate:** Usually made of High Purity Alumina ($Al_2O_3$), providing the base insulation and heat dissipation. 2. **Resistive Element:** A thick film of Ruthenium Oxide ($RuO_2$) or similar glass-metal paste screened onto the substrate. 3. **Protective Coating:** An epoxy or glass overglaze that shields the resistive element from moisture and mechanical damage. 4. **Terminations:** * **Inner electrode:** Silver (Ag) or Palladium-Silver (PdAg). * **Barrier layer:** Nickel (Ni) plating to prevent leaching. * **Outer layer:** Tin (Sn) plating for high solderability. --- ### Common Applications These arrays are used in high-density electronic assemblies where multiple pull-up or pull-down resistors are required: * **Digital Logic:** Terminating data lines to prevent signal reflection. * **LED Arrays:** Limiting current for multiple LED indicators simultaneously. * **Computer Peripherals:** Used in Motherboards, RAM modules, and GPU circuits. * **Telecom:** Line balancing and signal conditioning. --- ### Advantages of the M7S Series * **Space Efficiency:** Reduces the "pick and place" time during manufacturing compared to placing individual resistors. * **Matching:** Since the resistors are on the same substrate, they share similar temperature coefficients (TCR), meaning their values drift together rather than independently. * **Cost:** Lower total cost of assembly due to fewer components handled.
    ✨ Follow-up Questions
    • ⤷What is the exact resistance value and tolerance for the '36F' code in this part number?
    • ⤷ Can this component be used in high-power applications?
    • ⤷ What are the common footprints (e.g.
    • ⤷ 0402x4) for this series?