전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • M7S36TAJ-R

  • AI
    The **M7S36TAJ-R** is a specific part number associated with a high-performance **Crystal Oscillator**, typically used in telecommunications and high-speed data networking. It is manufactured by providers like MtronPTI. --- ### 1. Technical Specifications Below are the typical electronic characteristics for the M7S series: | Parameter | Specification | | :--- | :--- | | **Component Type** | XO (Crystal Oscillator) | | **Output Type** | CMOS / TTL Compatible | | **Frequency Range** | Usually fixed (varies by sub-code) | | **Supply Voltage (Vcc)** | 3.3V or 5.0V (Standard for M7S) | | **Package Style** | 5x7 mm Surface Mount (SMD) | | **Pin Count** | 4-Pin or 6-Pin | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | --- ### 2. Key Internal Components The "Electronic Parts" within this device consist of a micro-circuit integrated into a single ceramic package: 1. **Quartz Crystal Blank:** A precision-cut quartz wafer that vibrates at a specific frequency when an electric field is applied (Piezoelectric effect). 2. **Oscillator IC:** An application-specific integrated circuit (ASIC) that provides the gain needed to maintain oscillation and buffers the output signal. 3. **Bypass Capacitors:** Internal surface-mount capacitors used for noise filtering and power stability. 4. **Varactor Diode (Optional):** Some variants include this for frequency tuning or temperature compensation. --- ### 3. Pin Configuration The standard layout for an M7S series SMD oscillator is as follows: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | E/D or NC | Tri-state Enable/Disable or No Connect | | **2** | GND | Case Ground | | **3** | Output | The generated clock signal (Square Wave) | | **4** | Vcc | Positive Supply Voltage | --- ### 4. Applications The M7S36TAJ-R is designed for environments requiring high stability and low jitter: * **Networking:** Ethernet switches, routers, and fiber channel equipment. * **Embedded Systems:** Providing the master clock for Microprocessors and FPGAs. * **Industrial:** High-reliability control systems.
    ✨ Follow-up Questions
    • ⤷ What is the specific frequency of the M7S36TAJ-R variant?
    • ⤷ How does the 'Tri-state' function work on Pin 1?
    • ⤷ What are the common alternatives to MtronPTI oscillators?